Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM6211 Datasheet (PDF) - NXP Semiconductors

OM6211 Datasheet PDF - NXP Semiconductors
Part # OM6211
Download  OM6211 Download
File Size   243.58 Kbytes
Page   48 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 48 X 84 dot matrix LCD driver

OM6211 Datasheet (PDF)

Go To PDF Page Download Datasheet
OM6211 Datasheet PDF - NXP Semiconductors

Part # OM6211
Download  OM6211 Click to download

File Size   243.58 Kbytes
Page   48 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 48 X 84 dot matrix LCD driver

OM6211 Datasheet (HTML) - NXP Semiconductors


OM6211 Product details

GENERAL DESCRIPTION

The OM6211 is a low power CMOS LCD row/column driver, designed to drive a dot matrix graphic display of

48 rows and 84 columns. All necessary functions for the display are provided in a single chip, including on-chip  generation of LCD supply and bias voltages, resulting in a minimum of external components and low power

consumption. The OM6211 interfaces to microcontrollers via a 3-line serial interface.



FEATURES

• Single-chip LCD controller/driver

• 48 row, 84 column outputs

• Display data RAM 48×84 bits

• 3-line serial interface, maximum 4.0 Mbit/s

• On-chip:

– Generation of LCD supply voltage VLCD

– Generation of intermediate LCD bias voltages

– Oscillator (requires no external components).

• CMOS compatible inputs

• Mux rate1:48

• Logic supply voltage range VDD1to VSS:

– 1.7 to 2.3 V.

• Supply voltage range for high voltage part VDD2to VSS:

– 2.5 to 4.5 V.

• LCD supply voltage range VLCDto VSS:

– 4.5 to 9.0 V.

• Low power consumption (typical 90µA), suitable for battery operated systems

• External reset

• Temperature compensation of VLCD

• Temperature range: Tamb=−40 to +85°C

• Manufactured in N-well silicon gate CMOS process.



APPLICATIONS

• Battery powered telecommunication systems.




Similar Part No. - OM6211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6214SS ETC-OM6214SS Datasheet
43Kb / 4P
TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
OM6215SS ETC-OM6215SS Datasheet
43Kb / 4P
TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
OM6216SS ETC-OM6216SS Datasheet
43Kb / 4P
TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
OM6217SS ETC-OM6217SS Datasheet
43Kb / 4P
TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
More results


Similar Description - OM6211

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6262-01 OKI-MSM6262-01 Datasheet
1Mb / 49P
DOT MATRIX LCD CONTROLLER WITH 48 DOT COMMON DRIVER
MSM6262 OKI-MSM6262 Datasheet
383Kb / 52P
DOT MATRIX LCD CONTROLLER WITH 48-DOT COMMON DRIVER
logo
NXP Semiconductors
PCD8544 PHILIPS-PCD8544 Datasheet
154Kb / 32P
48 x 84 pixels matrix LCD controller/driver
1999 Apr 12
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
Dot-Matrix LCD Driver
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
Dot-Matrix LCD Driver
LC7942ND SANYO-LC7942ND Datasheet
115Kb / 6P
Dot-Matrix LCD Driver?
LC79430D SANYO-LC79430D Datasheet
115Kb / 5P
Dot Matrix LCD Driver?
logo
List of Unclassifed Man...
SED1520D0A ETC-SED1520D0A Datasheet
204Kb / 52P
DOT MATRIX LCD DRIVER
logo
Toshiba Semiconductor
T6K11 TOSHIBA-T6K11 Datasheet
576Kb / 47P
DOT MATRIX LCD DRIVER
logo
List of Unclassifed Man...
SED1500 ETC-SED1500 Datasheet
590Kb / 32P
DOT MATRIX LCD DRIVER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com