Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD8544 Datasheet (PDF) - NXP Semiconductors

PCD8544 Datasheet PDF - NXP Semiconductors
Part # PCD8544
Download  PCD8544 Download
File Size   154.66 Kbytes
Page   32 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 48 x 84 pixels matrix LCD controller/driver

PCD8544 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCD8544 Datasheet PDF - NXP Semiconductors

Part # PCD8544
Download  PCD8544 Click to download

File Size   154.66 Kbytes
Page   32 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 48 x 84 pixels matrix LCD controller/driver

PCD8544 Datasheet (HTML) - NXP Semiconductors


PCD8544 Product details

GENERAL DESCRIPTION

The PCD8544 is a low power CMOS LCD controller/driver, designed to drive a graphic display of 48 rows and 84 columns. All necessary functions for the display are provided in a single chip, including on-chip generation of LCD supply and bias voltages, resulting in a minimum of external components and low power consumption.



FEATURES

• Single chip LCD controller/driver

• 48 row, 84 column outputs

• Display data RAM 48 × 84 bits

• On-chip:

– Generation of LCD supply voltage (external supply also possible)

– Generation of intermediate LCD bias voltages

– Oscillator requires no external components (external clock also possible).

• External RES (reset) input pin

• Serial interface maximum 4.0 Mbits/s

• CMOS compatible inputs

• Mux rate: 48

• Logic supply voltage range VDD to VSS: 2.7 to 3.3 V

• Display supply voltage range VLCD to VSS

– 6.0 to 8.5 V with LCD voltage internally generated (voltage generator enabled)

– 6.0 to 9.0 V with LCD voltage externally supplied (voltage generator switched-off).

• Low power consumption, suitable for battery operated systems

• Temperature compensation of VLCD

• Temperature range: −25 to +70 °C.




Similar Part No. - PCD8544

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PCD8572 MICROCHIP-PCD8572 Datasheet
260Kb / 8P
1K (128 X 8) Serial Electrically Erasable PROM
logo
NXP Semiconductors
PCD8582D-2 PHILIPS-PCD8582D-2 Datasheet
156Kb / 20P
256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
PCD8582D-2P PHILIPS-PCD8582D-2P Datasheet
156Kb / 20P
256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
PCD8582D-2T PHILIPS-PCD8582D-2T Datasheet
156Kb / 20P
256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
More results


Similar Description - PCD8544

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8548 PHILIPS-PCF8548 Datasheet
206Kb / 40P
65 x 102 pixels matrix LCD driver
1999 Aug 16
PCF8549 PHILIPS-PCF8549 Datasheet
271Kb / 36P
65 x 102 pixels matrix LCD driver
1997 Nov 21
PCF8812 PHILIPS-PCF8812 Datasheet
201Kb / 36P
65 x 102 pixels matrix LCD driver
2000 Nov 22
OM6206 PHILIPS-OM6206 Datasheet
195Kb / 36P
65 X 102 pixels matrix LCD driver
2001 Nov 14
OM6211 PHILIPS-OM6211 Datasheet
243Kb / 48P
48 X 84 dot matrix LCD driver
2002 Jan 17
PCF8813 PHILIPS-PCF8813 Datasheet
446Kb / 72P
(67 1) x 102 pixels matrix LCD driver
2004 Mar 05
PCF8811 PHILIPS-PCF8811 Datasheet
434Kb / 73P
80 x 128 pixels matrix LCD driver
2004 May 17
logo
List of Unclassifed Man...
UC1606 ETC1-UC1606 Datasheet
877Kb / 46P
65COM x 132SEG Matrix LCD Controller-Driver
UC1608 ETC1-UC1608 Datasheet
981Kb / 42P
128COM x 240SEG Matrix LCD Controller-Driver
logo
NXP Semiconductors
PCF8811 NXP-PCF8811 Datasheet
440Kb / 81P
80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com