Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811 Datasheet (PDF) - NXP Semiconductors

PCF8811 Datasheet PDF - NXP Semiconductors
Part # PCF8811
Download  PCF8811 Download
File Size   434.34 Kbytes
Page   73 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80 x 128 pixels matrix LCD driver

PCF8811 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF8811 Datasheet PDF - NXP Semiconductors

Part # PCF8811
Download  PCF8811 Click to download

File Size   434.34 Kbytes
Page   73 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80 x 128 pixels matrix LCD driver

PCF8811 Datasheet (HTML) - NXP Semiconductors


PCF8811 Product details

GENERAL DESCRIPTION

The PCF8811 is a low power CMOS LCD controller driver, designed to drive a graphic display of 80 rows and 128 columns or a graphic display of 79 rows and 128 columns and a icon row of 128 symbols. All necessary



FEATURES

• Single-chip LCD controller/driver

• 80 row and 128 column outputs

• Display data RAM 80×128 bits

• 128 icons (row 80 can be used for icons in extended command set and when icon rows are enabled)

• An 8-bit parallel interface, 3 or 4-line Serial Peripheral Interface (SPI) and high-speed I2C-bus

• On-chip:

  – Configurable voltage multiplier generating VLCD;

external VLCDalso possible

  – Linear temperature compensation of VLCD;

    8 programmable temperature coefficients (extended command set); one fixed temperature coefficient which default can be set by OTP programming (basic command set)

  – Generation of intermediate LCD bias voltage

  – Oscillator requires no external components; external clock input also possible.

• OTP calibration for VLCDand accurate frame frequency

• External reset input pin

• CMOS compatible inputs

• Mux rate: 1 : 16 to 1 : 80 in steps of 8 when no icon row is used, with the icon row steps of 16 can be used

• Logic supply voltage range VDD1−VSS:

  – 1.7 V to 3.3 V.

• High voltage generator supply voltage range VDD2,VDD3−VSS:

  – 1.8 V to 3.3 V.

• Display supply voltage range VLCD−VSS:

  – 3Vto9V.

• Low power consumption; suitable for battery operated systems

• Programmable bottom row pads mirroring; for compatibility with both Tape Carrier Packages (TCP) and Chip On Glass (COG) applications (extended command set)

• Status read which allows for chip recognition and content checking of some registers

• Start address line which allows, for instance, the scrolling of the displayed image

• Programmable display RAM pointers for variable display sizes

• Slim chip layout, suited for COG applications

• Temperature range: Tamb=−40°C to +85°C.



APPLICATIONS

• Telecom equipment

• Portable instruments

• Point of sale terminals.




Similar Part No. - PCF8811

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8811 NXP-PCF8811 Datasheet
440Kb / 81P
80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
PCF8811 NXP-PCF8811 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCF8811MU/2DA/1 NXP-PCF8811MU/2DA/1 Datasheet
440Kb / 81P
80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
PCF8811U/2DA/1 NXP-PCF8811U/2DA/1 Datasheet
440Kb / 81P
80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
More results


Similar Description - PCF8811

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD8544 PHILIPS-PCD8544 Datasheet
154Kb / 32P
48 x 84 pixels matrix LCD controller/driver
1999 Apr 12
PCF8548 PHILIPS-PCF8548 Datasheet
206Kb / 40P
65 x 102 pixels matrix LCD driver
1999 Aug 16
PCF8549 PHILIPS-PCF8549 Datasheet
271Kb / 36P
65 x 102 pixels matrix LCD driver
1997 Nov 21
PCF8812 PHILIPS-PCF8812 Datasheet
201Kb / 36P
65 x 102 pixels matrix LCD driver
2000 Nov 22
OM6206 PHILIPS-OM6206 Datasheet
195Kb / 36P
65 X 102 pixels matrix LCD driver
2001 Nov 14
PCF8813 PHILIPS-PCF8813 Datasheet
446Kb / 72P
(67 1) x 102 pixels matrix LCD driver
2004 Mar 05
logo
List of Unclassifed Man...
NT3883 ETC1-NT3883 Datasheet
288Kb / 12P
Dot Matrix LCD 80-Channel Driver
logo
NXP Semiconductors
PCF8811 NXP-PCF8811 Datasheet
440Kb / 81P
80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
PCF8531_1008 NXP-PCF8531_1008 Datasheet
1Mb / 51P
34 x 128 pixel matrix driver
Rev. 05-10 August 2010
PCF8531 NXP-PCF8531_11 Datasheet
396Kb / 51P
34 x 128 pixel matrix driver Single-chip LCD controller and driver
Rev. 6-16 May 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com