Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8812 Datasheet (PDF) - NXP Semiconductors

PCF8812 Datasheet PDF - NXP Semiconductors
Part # PCF8812
Download  PCF8812 Download
File Size   201.01 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 65 x 102 pixels matrix LCD driver

PCF8812 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF8812 Datasheet PDF - NXP Semiconductors

Part # PCF8812
Download  PCF8812 Click to download

File Size   201.01 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 65 x 102 pixels matrix LCD driver

PCF8812 Datasheet (HTML) - NXP Semiconductors


PCF8812 Product details

GENERAL DESCRIPTION

The PCF8812 is a low power CMOS LCD controller driver, designed to drive a graphic display of 65 rows and 102 columns. All necessary functions for the display are provided in a single chip, including on-chip generation of LCD supply and bias voltages, resulting in a minimum of external components and low power consumption. The PCF8812 interfaces to microcontrollers via a serial bus interface.



FEATURES

• 65 row and 102 column outputs

• Display data RAM 65 × 102 bits

• On-chip:

– Configurable 5 (4, 3 and 2) voltage multiplier generating VLCD (external VLCD also possible)

– Generation of intermediate LCD bias voltages

– Oscillator requires no external components (external clock also possible).

• External reset input pin

• Serial interface maximum 4.0 Mbit/s

• CMOS compatible inputs

• Mux rate: 1 : 65

• Logic supply voltage range VDD1 to VSS:

– 2.5 to 5.5 V.

• High voltage generator supply voltage range VDD2 to VSS and VDD3 to VSS

– 2.5 to 4.5 V.

• Display supply voltage range VLCD to VSS: – 4.5 to 9.0 V.

• Low power consumption, suitable for battery operated systems

• Temperature compensation of VLCD

• Temperature range: Tamb = −40 to +85 °C

• Slim chip layout, suited for Chip-On-Glass (COG) applications.



2 APPLICATIONS

• Telecom equipment.




Similar Part No. - PCF8812

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8811 PHILIPS-PCF8811 Datasheet
434Kb / 73P
80 x 128 pixels matrix LCD driver
2004 May 17
PCF8811 NXP-PCF8811 Datasheet
440Kb / 81P
80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
PCF8811 NXP-PCF8811 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCF8811MU/2DA/1 PHILIPS-PCF8811MU/2DA/1 Datasheet
434Kb / 73P
80 x 128 pixels matrix LCD driver
2004 May 17
PCF8811MU/2DA/1 NXP-PCF8811MU/2DA/1 Datasheet
440Kb / 81P
80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
More results


Similar Description - PCF8812

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8548 PHILIPS-PCF8548 Datasheet
206Kb / 40P
65 x 102 pixels matrix LCD driver
1999 Aug 16
PCF8549 PHILIPS-PCF8549 Datasheet
271Kb / 36P
65 x 102 pixels matrix LCD driver
1997 Nov 21
OM6206 PHILIPS-OM6206 Datasheet
195Kb / 36P
65 X 102 pixels matrix LCD driver
2001 Nov 14
PCF8813 PHILIPS-PCF8813 Datasheet
446Kb / 72P
(67 1) x 102 pixels matrix LCD driver
2004 Mar 05
PCF8811 PHILIPS-PCF8811 Datasheet
434Kb / 73P
80 x 128 pixels matrix LCD driver
2004 May 17
logo
STMicroelectronics
STE2004 STMICROELECTRONICS-STE2004 Datasheet
1Mb / 66P
102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
Jul-2004
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
102 x 65 single-chip LCD controller/driver
31-Jan-2007
logo
Sitronix Technology Co....
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
logo
NXP Semiconductors
PCF8811 NXP-PCF8811 Datasheet
440Kb / 81P
80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com