Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8549 Datasheet (PDF) - NXP Semiconductors

PCF8549 Datasheet PDF - NXP Semiconductors
Part # PCF8549
Download  PCF8549 Download
File Size   271.18 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 65 x 102 pixels matrix LCD driver

PCF8549 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF8549 Datasheet PDF - NXP Semiconductors

Part # PCF8549
Download  PCF8549 Click to download

File Size   271.18 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 65 x 102 pixels matrix LCD driver

PCF8549 Datasheet (HTML) - NXP Semiconductors


PCF8549 Product details

GENERAL DESCRIPTION
The PCF8549 is a low power CMOS LCD controller driver,designed to drive a graphic display of 65 rows and 102 columns. All necessary functions for the display are provided in a single chip, including on-chip generation of LCD supply and bias voltages, resulting in a minimum of external components and low power consumption. The PCF8549 interfaces to most microcontrollers via an
I2C interface.

FEATURES
• Single chip LCD controller/driver
• 65 row and 102 column outputs
• Display data RAM 65×102 bits
• On-chip:
   – Generation of LCD supply voltage
   – Generation of intermediate LCD bias voltages
   – Oscillator requires no external components (external clock also possible)
• 400 kHz Fast I2C Interface
• CMOS compatible inputs
• Mux rate: 65
• Logic supply voltage range VDD1−VSS: 1.5 to 6 V
• Voltage generator voltage range VDD2/2_HV−VSS: 2.4 to 5 V
• Display supply voltage range VLCD−VSS: 7.0 to 16 V
• Low power consumption, suitable for battery operated systems
• Temperature compensation of VLCD
• Interlacing for better display quality
• Slim chip layout, suited for chip-on-glass applications.




Similar Part No. - PCF8549

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8545 NXP-PCF8545 Datasheet
798Kb / 68P
Universal LCD driver for multiplex rates up to 1:8
Rev. 2-4 October 2021
PCF8545 NXP-PCF8545 Datasheet
567Kb / 72P
Universal LCD driver for multiplex rates up to 1:8
Rev. 1 - 13 November 2013
PCF8545ATT NXP-PCF8545ATT Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCF8545ATT NXP-PCF8545ATT Datasheet
495Kb / 55P
Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCF8545ATT NXP-PCF8545ATT Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
More results


Similar Description - PCF8549

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8548 PHILIPS-PCF8548 Datasheet
206Kb / 40P
65 x 102 pixels matrix LCD driver
1999 Aug 16
PCF8812 PHILIPS-PCF8812 Datasheet
201Kb / 36P
65 x 102 pixels matrix LCD driver
2000 Nov 22
OM6206 PHILIPS-OM6206 Datasheet
195Kb / 36P
65 X 102 pixels matrix LCD driver
2001 Nov 14
PCF8813 PHILIPS-PCF8813 Datasheet
446Kb / 72P
(67 1) x 102 pixels matrix LCD driver
2004 Mar 05
PCF8811 PHILIPS-PCF8811 Datasheet
434Kb / 73P
80 x 128 pixels matrix LCD driver
2004 May 17
logo
STMicroelectronics
STE2004 STMICROELECTRONICS-STE2004 Datasheet
1Mb / 66P
102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
Jul-2004
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
102 x 65 single-chip LCD controller/driver
31-Jan-2007
logo
Sitronix Technology Co....
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
logo
NXP Semiconductors
PCF8811 NXP-PCF8811 Datasheet
440Kb / 81P
80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com