Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8549 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8549 Datasheet HTML 4Page - NXP Semiconductors PCF8549 Datasheet HTML 5Page - NXP Semiconductors PCF8549 Datasheet HTML 6Page - NXP Semiconductors PCF8549 Datasheet HTML 7Page - NXP Semiconductors PCF8549 Datasheet HTML 8Page - NXP Semiconductors PCF8549 Datasheet HTML 9Page - NXP Semiconductors PCF8549 Datasheet HTML 10Page - NXP Semiconductors PCF8549 Datasheet HTML 11Page - NXP Semiconductors PCF8549 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
1997 Nov 21
8
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
Addressing
The Display data RAM of the PCF8549 is accessed as
indicated in Figs 3, 4, 4, 6 and 7. The display RAM has a
matrix of 65
× 102 bits. The columns are addressed by the
address pointer. The address ranges are:
X 0 to 101 (1100101b) and Y 0 to 8 (1000b). Addresses
outside these ranges are not allowed. In vertical
addressing mode (V = 1) the Y address increments (see
Fig.7) after each byte. After the last Y address (Y = 8)
Y wraps around to 0 and X increments to address the next
column. In horizontal addressing mode (V = 0) the
X address increments (see Fig.6) after each byte. After the
last X address (X = 101) X wraps around to
0 and Y increments to address the next row. After the very
last address (X = 101 and Y = 8) the address pointers
wrap around to address (X = 0 and Y = 0).
The MX bit allows a horizontal mirroring: When MX = 1,
the X address space is mirrored: The addressX=0 is
then located at the right side (column 101) of the display
(see Fig.4). When MX = 0 the mirroring is disabled and the
address X = 0 is located at the left side (column 0) of the
display (see Fig.4).
If the RM-bit (read-modify-write mode) is set, the address
is only incremented after a write, otherwise the address is
incremented after both read and write access to the
display data RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com