Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8549 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8549 Datasheet HTML 1Page - NXP Semiconductors PCF8549 Datasheet HTML 2Page - NXP Semiconductors PCF8549 Datasheet HTML 3Page - NXP Semiconductors PCF8549 Datasheet HTML 4Page - NXP Semiconductors PCF8549 Datasheet HTML 5Page - NXP Semiconductors PCF8549 Datasheet HTML 6Page - NXP Semiconductors PCF8549 Datasheet HTML 7Page - NXP Semiconductors PCF8549 Datasheet HTML 8Page - NXP Semiconductors PCF8549 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1997 Nov 21
2
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
FEATURES
• Single chip LCD controller/driver
• 65 row and 102 column outputs
• Display data RAM 65 × 102 bits
• On-chip:
– Generation of LCD supply voltage
– Generation of intermediate LCD bias voltages
– Oscillator requires no external components (external
clock also possible)
• 400 kHz Fast I2C Interface
• CMOS compatible inputs
• Mux rate: 65
• Logic supply voltage range VDD1 − VSS: 1.5 to 6 V
• Voltage generator voltage range VDD2/2_HV − VSS:
2.4 to 5 V
• Display supply voltage range VLCD − VSS: 7.0 to 16 V
• Low power consumption, suitable for battery operated
systems
• Temperature compensation of VLCD
• Interlacing for better display quality
• Slim chip layout, suited for chip-on-glass applications.
APPLICATIONS
• Telecom equipment
• Portable instruments
• Point of sale terminals.
GENERAL DESCRIPTION
The PCF8549 is a low power CMOS LCD controller driver,
designed to drive a graphic display of 65 rows and
102 columns. All necessary functions for the display are
provided in a single chip, including on-chip generation of
LCD supply and bias voltages, resulting in a minimum of
external components and low power consumption. The
PCF8549 interfaces to most microcontrollers via an
I2C interface.
Packages
The PCF8549U/2 is available as bumped die. Sawn wafer
as chip sorted in chip tray. For further details see
Section “Bonding pads”.
Customized TCP upon request.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8549U/2/F1
TRAY
chip with bumps in tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com