Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8549 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF8549 Datasheet HTML 1Page - NXP Semiconductors PCF8549 Datasheet HTML 2Page - NXP Semiconductors PCF8549 Datasheet HTML 3Page - NXP Semiconductors PCF8549 Datasheet HTML 4Page - NXP Semiconductors PCF8549 Datasheet HTML 5Page - NXP Semiconductors PCF8549 Datasheet HTML 6Page - NXP Semiconductors PCF8549 Datasheet HTML 7Page - NXP Semiconductors PCF8549 Datasheet HTML 8Page - NXP Semiconductors PCF8549 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1997 Nov 21
4
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
PINNING
Pin functions
R0 TO R64: ROW DRIVER OUTPUTS
These pads output the row signals.
C0 TO C101: COLUMN DRIVER OUTPUTS
These pads output the column signals.
VSS1,2,2_HV: NEGATIVE POWER SUPPLY RAILS
Negative power supplies.
VDD1,2,2_HV: POSITIVE POWER SUPPLY RAILS
VDD2 and VDD2_HV are the supply voltages for the internal voltage generator. Both have to be on the same voltage and
may be connected together outside of the chip. If the internal voltage generator is not used, they should be both
connected to ground. VDD1 is used as power supply for the rest of the chip. This voltage can be a different voltage than
VDD2 and VDD2_HV.
VLCD1,2: LCD POWER SUPPLY
Positive power supply for the liquid crystal display. If the internal voltage generator is used, the two supply rails
VLCD1 and VLCD2 must be connected together. An external LCD supply voltage can be supplied using the V pad. In this
case, VLCD1 has to be connected to ground, and the internal voltage generator has to be programmed to zero. If the
PCF8549 is in power-down mode, the external LCD supply voltage has to be switched off.
SYMBOL
DESCRIPTION
R0 to R64
LCD row driver outputs
C0 to C101
LCD column driver outputs
VSS1,2,2_HV
negative power supply
VDD1,2,2_HV
supply voltage
VLCD1,2
LCD supply voltage
T1
test 1 input
T2
test 2 output
T3
test 3 I/O
T4
test 4 I/O
T5
test 5 input
T6
test 6 input
T7
test 7 input
SDA
I2C data input
SCL
I2C clock line
SDA_OUT
I2C output
SA0
least significant bit of slave address
OSC
oscillator
RES
external reset input, low active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com