Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8549 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8549 Datasheet HTML 17Page - NXP Semiconductors PCF8549 Datasheet HTML 18Page - NXP Semiconductors PCF8549 Datasheet HTML 19Page - NXP Semiconductors PCF8549 Datasheet HTML 20Page - NXP Semiconductors PCF8549 Datasheet HTML 21Page - NXP Semiconductors PCF8549 Datasheet HTML 22Page - NXP Semiconductors PCF8549 Datasheet HTML 23Page - NXP Semiconductors PCF8549 Datasheet HTML 24Page - NXP Semiconductors PCF8549 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1997 Nov 21
21
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
DC CHARACTERISTICS
Table 7
VDD1 = 1.5 to 6 V; VDD2/2_HV = 2.4 to 5.0 V; VDD2 = VDD2_HV; VSS1 = VSS2 = VSS2_HV = 0 V; VLCD =7to16V;
Tamb = −40 to +85 °C; unless otherwise specified.
Note
1. When a display is connected the IVDD2_HV increases with 7 x display load current due to 7 stage charge pump.
2. With external VLCD, the display load current does not translate into increased IVDD2_HV.
3. For TC1, TC2 and TC3
4. The maximum possible VLCD voltage that may be generated is dependent on voltage (VDD2/2_HV), temperature and
(display) load.
5. VDD2 VDD2_HV connected together
6. Difference to the theoretical value given by equation 1
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VDD1
Logic supply
voltage range
1.5
3
6
V
VDD2,
VDD2_HV
HV Generator
supply range
2.4
5
V
IVDD1
supply current
internal VLCD
VLCD = 10.0V; fscl = 0;
display load = 0;
30
80
µA
IVDD2/2_HV supply current
internal VLCD
VLCD = 10.0V; fscl = 0;
display load = 0; (1)(5)
600
1200
µA
IVDD1
supply current
external VLCD
VLCD = 10.0V; fscl = 0;
display load = 0;
30
80
µA
IVDD2/2_HV supply current
external VLCD
VLCD = 10.0V; fscl = 0;
display load = 0; (2)(5)
010
µA
IVDD1
supply current
power-down mode; VLCD = 0V;
fscl = 0; display load = 0
0.5
10
µA
ILCD
supply current
external VLCD
VLCD = 10 V; fSCL= 0,
display load = 0; (2)
50
130
µA
VLCD(tol)
VLCD tolerance
internal generated
VDD = 2.7V; VLCD = 10V; fSCL = 0;
display load = 0;(3)(4)(6)
+/- 500
mV
VIL
LOW level input volt-
age
VSS
0.3VDD V
VIH
HIGH level input
voltage
0.7 VDD
VDD
V
IOL
LOW level output
current (SDA)
VOL = 0.4V;
VDD1 =5V
3.0
mA
IL
leakage current
VI = VDD1 or VSS1
-1
+1
µA
RROW
Row output resis-
tance R0 to R64
12
20
kOhm
RCOL
Column output resis-
tance C0 to C101
12
20
kOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com