Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM6206 Datasheet (PDF) - NXP Semiconductors

OM6206 Datasheet PDF - NXP Semiconductors
Part # OM6206
Download  OM6206 Download
File Size   195.7 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 65 X 102 pixels matrix LCD driver

OM6206 Datasheet (PDF)

Go To PDF Page Download Datasheet
OM6206 Datasheet PDF - NXP Semiconductors

Part # OM6206
Download  OM6206 Click to download

File Size   195.7 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 65 X 102 pixels matrix LCD driver

OM6206 Datasheet (HTML) - NXP Semiconductors


OM6206 Product details

GENERAL DESCRIPTION

The OM6206 is a low-power CMOS LCD controller and driver, designed to drive a graphic display of 65 rows and 102 columns. All necessary functions for the display are provided in a single chip, including on-chip generation of LCD supply and bias voltages, resulting in a minimum of external components and low power consumption.

The OM6206 interfaces to microcontrollers via a serial bus interface.



FEATURES

• Single-chip LCD controller and driver

• 65 row and 102 column outputs

• Display data RAM 65 × 102 bits

• On-chip:

   – Configurable 5 (4, 3 and 2) × voltage multiplier generating VLCD (external VLCD also possible)

   – Generation of intermediate LCD bias voltages

   – Oscillator requires no external components (external clock also possible).

• External reset input pin RES

• Serial interface maximum 4.0 Mbits/s

• CMOS compatible inputs

• Multiplex rate of 1 : 65

• Logic supply voltage range from 2.5 to 5.5 V (VDD1 to VSS)

• High-voltage generator supply voltage range from 2.5 to 4.5 V (VDD2 and VDD3 to VSS)

• Display supply voltage range from 4.5 to 9.0 V (VLCD to VSS)

• Low power consumption, suitable for battery operated systems

• Temperature compensation of VLCD

• Temperature range from −40 to +85 °C

• Slim chip layout, suited for Chip-On-Glass (COG) applications.



 




Similar Part No. - OM6206

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM6211 PHILIPS-OM6211 Datasheet
243Kb / 48P
48 X 84 dot matrix LCD driver
2002 Jan 17
OM62112 PHILIPS-OM62112 Datasheet
243Kb / 48P
48 X 84 dot matrix LCD driver
2002 Jan 17
OM6211F1 PHILIPS-OM6211F1 Datasheet
243Kb / 48P
48 X 84 dot matrix LCD driver
2002 Jan 17
OM6211U PHILIPS-OM6211U Datasheet
243Kb / 48P
48 X 84 dot matrix LCD driver
2002 Jan 17
logo
List of Unclassifed Man...
OM6214SS ETC-OM6214SS Datasheet
43Kb / 4P
TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
More results


Similar Description - OM6206

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8548 PHILIPS-PCF8548 Datasheet
206Kb / 40P
65 x 102 pixels matrix LCD driver
1999 Aug 16
PCF8549 PHILIPS-PCF8549 Datasheet
271Kb / 36P
65 x 102 pixels matrix LCD driver
1997 Nov 21
PCF8812 PHILIPS-PCF8812 Datasheet
201Kb / 36P
65 x 102 pixels matrix LCD driver
2000 Nov 22
PCF8813 PHILIPS-PCF8813 Datasheet
446Kb / 72P
(67 1) x 102 pixels matrix LCD driver
2004 Mar 05
PCF8811 PHILIPS-PCF8811 Datasheet
434Kb / 73P
80 x 128 pixels matrix LCD driver
2004 May 17
logo
STMicroelectronics
STE2004 STMICROELECTRONICS-STE2004 Datasheet
1Mb / 66P
102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
Jul-2004
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
102 x 65 single-chip LCD controller/driver
31-Jan-2007
logo
Sitronix Technology Co....
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
logo
NXP Semiconductors
PCF8811 NXP-PCF8811 Datasheet
440Kb / 81P
80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com