Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S93663P2.7T Datasheet (PDF) - List of Unclassifed Manufacturers

S93663P2.7T Datasheet PDF - List of Unclassifed Manufacturers
Part # S93663P2.7T
Download  S93663P2.7T Download
File Size   76.65 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Voltage Monitor and Reset Controller

S93663P2.7T Datasheet (PDF)

Go To PDF Page Download Datasheet
S93663P2.7T Datasheet PDF - List of Unclassifed Manufacturers

Part # S93663P2.7T
Download  S93663P2.7T Click to download

File Size   76.65 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Voltage Monitor and Reset Controller

S93663P2.7T Datasheet (HTML) - List of Unclassifed Manufacturers


S93663P2.7T Product details

[Summit-Microelectronics]

OVERVIEW
The S93662 and S93663 are precision power supervisory circuits providing both active high and active low reset outputs.

FEATURES
• Precision Monitor & RESET Controller
    — RESET and RESET Outputs
    — Guaranteed RESET Assertion to VCC = 1V
    — 200ms Reset Pulse Width
    — Internal 1.26V Reference with ±1% Accuracy
    — ZERO External Components Required
• Memory
    — 4K-bit Microwire Memory
    — S93662
        – Internally Ties ORG Low
        – 100% Compatible With all 8-bit Implementations
        – Sixteen Byte Page Write Capability
    — S93663
        – Internally Ties ORG High
        – 100% Compatible With all 16-bit Implementations
        – Eight Word Page Write Capability




Similar Part No. - S93663P2.7T

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93663 SUMMIT-S93663 Datasheet
151Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller
More results


Similar Description - S93663P2.7T

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
Summit Microelectronics...
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
dBCool Remote Thermal Controller and Voltage Monitor
3/06-Rev. 0 to Rev. A
ADT7476A AD-ADT7476A Datasheet
1Mb / 72P
dBCool Remote Thermal Controller and Voltage Monitor
1/06-Revision 0
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller
logo
ON Semiconductor
ADT7466 ONSEMI-ADT7466 Datasheet
691Kb / 48P
dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
ADT7463 ONSEMI-ADT7463_13 Datasheet
732Kb / 50P
Remote Thermal Controller and Voltage Monitor
May, 2013 ??Rev. 7
ADT7476 ONSEMI-ADT7476_16 Datasheet
543Kb / 68P
Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 10
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com