Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA48L03F Datasheet (PDF) - Toshiba Semiconductor

TA48L03F Datasheet PDF - Toshiba Semiconductor
Part # TA48L03F
Download  TA48L03F Download
File Size   188.45 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A

TA48L03F Datasheet (PDF)

Go To PDF Page Download Datasheet
TA48L03F Datasheet PDF - Toshiba Semiconductor

Part # TA48L03F
Download  TA48L03F Click to download

File Size   188.45 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A

TA48L03F Datasheet (HTML) - Toshiba Semiconductor


TA48L03F Product details

Features
■ Maximum output current: 0.15 A
■ Output voltage accuracy: VOUT ± 3% (@Tj = 25°C)
■ Low standby current: 400 µA (typ.) (@IOUT = 0 A)
■ Low-dropout voltage: VD = 0.5 V (max) (@IOUT = 100 mA)
■ Protection function: overheat/overcurrent
■ Package type: PW-MINI (SOT-89) package




Similar Part No. - TA48L03F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48L03F TOSHIBA-TA48L03F Datasheet
226Kb / 10P
Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
02-Nov-2006
More results


Similar Description - TA48L03F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F Datasheet
265Kb / 12P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Allegro MicroSystems
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Sanken electric
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
logo
Allegro MicroSystems
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
logo
Toshiba Semiconductor
TA48015F TOSHIBA-TA48015F Datasheet
242Kb / 9P
1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
02-Nov-2006
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
02-Nov-2006
logo
Infineon Technologies A...
TLE4296 INFINEON-TLE4296_08 Datasheet
226Kb / 12P
Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
Rev. 1.1, 2008-04-21
TLE4274 INFINEON-TLE4274_08 Datasheet
225Kb / 13P
Voltage Regulator Output voltage: 3.3 V/2.5 V 짹 4%
Rev. 2.3, 2008-03-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com