Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8403 Datasheet (PDF) - Toshiba Semiconductor

TPC8403 Datasheet PDF - Toshiba Semiconductor
Part # TPC8403
Download  TPC8403 Download
File Size   309.97 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon P/N Channel MOS Type (P Channel U-MOSII/N Channel U-MOSII)

TPC8403 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC8403 Datasheet PDF - Toshiba Semiconductor

Part # TPC8403
Download  TPC8403 Click to download

File Size   309.97 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon P/N Channel MOS Type (P Channel U-MOSII/N Channel U-MOSII)

TPC8403 Datasheet (HTML) - Toshiba Semiconductor


TPC8403 Product details

Motor Drive Applications
Notebook PC Applications
Portable Equipment Applications

• Low drain-source ON resistance: P Channel RDS (ON) = 45 mΩ (typ.)
                                                        N Channel RDS (ON) = 25 mΩ (typ.)
• High forward transfer admittance: P Channel |Yfs| = 6.2 S (typ.)
                                                         N Channel |Yfs| = 7.8 S (typ.)
• Low leakage current: P Channel IDSS = −10 μA (VDS = −30 V)
                                     N Channel IDSS = 10 μA (VDS = 30 V)
• Enhancement mode
   : P Channel Vth = −1.0~−2.2 V (VDS = −10 V, ID = −1 mA)
   : N Channel Vth = 1.3~2.5 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - TPC8403

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8403 TOSHIBA-TPC8403 Datasheet
272Kb / 11P
Motor Drive Applications Notebook PC Applications Portable Equipment Applications
TPC8403 TOSHIBA-TPC8403_06 Datasheet
272Kb / 11P
Motor Drive Applications Notebook PC Applications Portable Equipment Applications
More results


Similar Description - TPC8403

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8003 TOSHIBA-TPC8003 Datasheet
499Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8203 TOSHIBA-TPC8203 Datasheet
419Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
TPC8402 TOSHIBA-TPC8402 Datasheet
719Kb / 11P
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (MOSVI/U-MOSII)
TPC8305 TOSHIBA-TPC8305 Datasheet
520Kb / 7P
Silicon P Channel MOS Type (U-MOSII)
SSM3J14T TOSHIBA-SSM3J14T Datasheet
179Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J13T TOSHIBA-SSM3J13T Datasheet
182Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J13T TOSHIBA-SSM3J13T_07 Datasheet
205Kb / 6P
Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com