Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8401 Datasheet (PDF) - Toshiba Semiconductor

TPC8401 Datasheet PDF - Toshiba Semiconductor
Part # TPC8401
Download  TPC8401 Download
File Size   750.53 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)

TPC8401 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC8401 Datasheet PDF - Toshiba Semiconductor

Part # TPC8401
Download  TPC8401 Click to download

File Size   750.53 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)

TPC8401 Datasheet (HTML) - Toshiba Semiconductor


TPC8401 Product details

Lithium Ion Secondary Battery Applications
Portable Equipment Applications
Notebook PCs

● Low drain−source ON resistance
   : P Channel RDS (ON) = 27 mΩ (typ.)
     N Channel RDS (ON) = 14 mΩ (typ.)
● High forward transfer admittance
   : P Channel |Yfs| = 7 S (typ.)
     N Channel |Yfs| = 8 S (typ.)
● Low leakage current
   : P Channel IDSS = −10 µA (VDS = −30 V)
     N Channel IDSS = 10 µA (VDS = 30 V)
● Enhancement−mode
   : P Channel Vth = −0.8~ −2.0 V (VDS = −10 V, ID = −1mA)
     N Channel Vth = 0.8~2.5 V (VDS = 10 V, ID = 1mA)




Similar Part No. - TPC8401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8402 TOSHIBA-TPC8402 Datasheet
719Kb / 11P
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (MOSVI/U-MOSII)
TPC8403 TOSHIBA-TPC8403 Datasheet
309Kb / 11P
Field Effect Transistor Silicon P/N Channel MOS Type (P Channel U-MOSII/N Channel U-MOSII)
TPC8403 TOSHIBA-TPC8403 Datasheet
272Kb / 11P
Motor Drive Applications Notebook PC Applications Portable Equipment Applications
TPC8403 TOSHIBA-TPC8403_06 Datasheet
272Kb / 11P
Motor Drive Applications Notebook PC Applications Portable Equipment Applications
TPC8405 TOSHIBA-TPC8405 Datasheet
275Kb / 11P
Field Effect Transistor Silicon N, P Channel MOS Type (P Channel U−MOS IV/N Channel U-MOS III)
More results


Similar Description - TPC8401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8203 TOSHIBA-TPC8203 Datasheet
419Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J14T TOSHIBA-SSM3J14T Datasheet
179Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
TPC8206 TOSHIBA-TPC8206 Datasheet
223Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM3K14T TOSHIBA-SSM3K14T Datasheet
184Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6002 TOSHIBA-TPC6002 Datasheet
158Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3442 TOSHIBA-2SK3442 Datasheet
207Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM3J13T TOSHIBA-SSM3J13T Datasheet
182Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
2SK3441 TOSHIBA-2SK3441 Datasheet
233Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com