Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K14T Datasheet (PDF) - Toshiba Semiconductor

SSM3K14T Datasheet PDF - Toshiba Semiconductor
Part # SSM3K14T
Download  SSM3K14T Download
File Size   184.94 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)

SSM3K14T Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM3K14T Datasheet PDF - Toshiba Semiconductor

Part # SSM3K14T
Download  SSM3K14T Click to download

File Size   184.94 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)

SSM3K14T Datasheet (HTML) - Toshiba Semiconductor


SSM3K14T Product details

DC-DC Converter
High Speed Switching Applications

• Small Package
• Low ON-resistance: Ron = 39 mΩ (max) (@VGS = 10 V)
                                 : Ron = 57 mΩ (max) (@VGS = 4.5 V)
• High speed: ton = 24 ns (typ.)
                     : toff = 19 ns (typ.)




Similar Part No. - SSM3K14T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K14T TOSHIBA-SSM3K14T Datasheet
215Kb / 6P
Silicon N Channel MOS Type DC-DC Converter
01-Nov-2007
SSM3K14T TOSHIBA-SSM3K14T Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
01-Jun-2010
logo
VBsemi Electronics Co.,...
SSM3K14T VBSEMI-SSM3K14T Datasheet
493Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Toshiba Semiconductor
SSM3K14T TOSHIBA-SSM3K14T_07 Datasheet
215Kb / 6P
Silicon N Channel MOS Type DC-DC Converter
01-Nov-2007
More results


Similar Description - SSM3K14T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8203 TOSHIBA-TPC8203 Datasheet
419Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
17-May-2002
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
18-Apr-2002
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
17-May-2002
TPC8206 TOSHIBA-TPC8206 Datasheet
223Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6002 TOSHIBA-TPC6002 Datasheet
158Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8204 TOSHIBA-TPC8204 Datasheet
342Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3442 TOSHIBA-2SK3442 Datasheet
207Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
19-Feb-2003
TPC6201 TOSHIBA-TPC6201 Datasheet
166Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
17-Jan-2002
2SK3441 TOSHIBA-2SK3441 Datasheet
233Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
06-Feb-2002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com