Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8401 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC8401
Description  TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8401 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC8401 Datasheet HTML 1Page - Toshiba Semiconductor TPC8401 Datasheet HTML 2Page - Toshiba Semiconductor TPC8401 Datasheet HTML 3Page - Toshiba Semiconductor TPC8401 Datasheet HTML 4Page - Toshiba Semiconductor TPC8401 Datasheet HTML 5Page - Toshiba Semiconductor TPC8401 Datasheet HTML 6Page - Toshiba Semiconductor TPC8401 Datasheet HTML 7Page - Toshiba Semiconductor TPC8401 Datasheet HTML 8Page - Toshiba Semiconductor TPC8401 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TPC8401
2002-05-17
1
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U−MOSII)
TPC8401
Lithium Ion Secondary Battery Applications
Portable Equipment Applications
Notebook PCs
Low drain−source ON resistance
: P Channel RDS (ON) = 27 mΩ (typ.)
N Channel RDS (ON) = 14 mΩ (typ.)
High forward transfer admittance
: P Channel |Yfs| = 7 S (typ.)
N Channel |Yfs| = 8 S (typ.)
Low leakage current
: P Channel IDSS = −10 µA (VDS = −30 V)
N Channel IDSS = 10 µA (VDS = 30 V)
Enhancement−mode
: P Channel Vth = −0.8~ −2.0 V (VDS = −10 V, ID = −1mA)
N Channel Vth = 0.8~2.5 V (VDS = 10 V, ID = 1mA)
Maximum Ratings (Ta = 25°C)
Rating
Characteristics
Symbol
P Channel N Channel
Unit
Drain-source voltage
VDSS
−30
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−30
30
V
Gate-source voltage
VGSS
±20
±20
V
DC
(Note 1)
ID
−4.5
6
Drain current
Pulse
(Note 1)
IDP
−18
24
A
Single-device operation
(Note 3a)
PD (1)
1.5
1.5
Drain power
dissipation
(t = 10s)
(Note 2a)
Single-device value at
dual operation (Note 3b)
PD (2)
1.0
1.0
Single-device operation
(Note 3a)
PD (1)
0.75
0.75
Drain power
dissipation
(t = 10s)
(Note 2b)
Single-device value at
dual operation (Note 3b)
PD (2)
0.45
0.45
W
Single pulse avalanche energy
EAS
26.3
(Note 4a)
46.8
(Note 4b)
mJ
Avalanche current
IAR
−4.5
6
A
Repetitive avalanche energy
Single-device value at operation
(Note 2a, 3b, 5)
EAR
0.10
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: For (Note 1), (Note 2a), (Note 2b), (Note 3a), (Note 3b), (Note 4a), (Note 4b) and (Note 5), please refer to the
next page.
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-6J1E
Weight: 0.080 g (typ.)
Circuit Configuration


Similar Part No. - TPC8401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8402 TOSHIBA-TPC8402 Datasheet
719Kb / 11P
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (MOSVI/U-MOSII)
TPC8403 TOSHIBA-TPC8403 Datasheet
309Kb / 11P
Field Effect Transistor Silicon P/N Channel MOS Type (P Channel U-MOSII/N Channel U-MOSII)
TPC8403 TOSHIBA-TPC8403 Datasheet
272Kb / 11P
Motor Drive Applications Notebook PC Applications Portable Equipment Applications
TPC8403 TOSHIBA-TPC8403_06 Datasheet
272Kb / 11P
Motor Drive Applications Notebook PC Applications Portable Equipment Applications
TPC8405 TOSHIBA-TPC8405 Datasheet
275Kb / 11P
Field Effect Transistor Silicon N, P Channel MOS Type (P Channel U−MOS IV/N Channel U-MOS III)
More results

Similar Description - TPC8401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8203 TOSHIBA-TPC8203 Datasheet
419Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J14T TOSHIBA-SSM3J14T Datasheet
179Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
TPC8206 TOSHIBA-TPC8206 Datasheet
223Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM3K14T TOSHIBA-SSM3K14T Datasheet
184Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6002 TOSHIBA-TPC6002 Datasheet
158Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3442 TOSHIBA-2SK3442 Datasheet
207Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM3J13T TOSHIBA-SSM3J13T Datasheet
182Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
2SK3441 TOSHIBA-2SK3441 Datasheet
233Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com