Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB5100SHF Datasheet (PDF) - 3M Electronics

AB5100SHF Datasheet PDF - 3M Electronics
Part # AB5100SHF
Download  AB5100SHF Download
File Size   394.14 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ EMI Absorber AB5000SHF Series

AB5100SHF Datasheet (PDF)

Go To PDF Page Download Datasheet
AB5100SHF Datasheet PDF - 3M Electronics

Part # AB5100SHF
Download  AB5100SHF Click to download

File Size   394.14 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ EMI Absorber AB5000SHF Series

AB5100SHF Datasheet (HTML) - 3M Electronics


AB5100SHF Product details

Features
■ Polymer resin and metal flakes filler
■ Acrylic pressure sensitive adhesive
■ Supplied on a removable liner for easy handling and die-cutting
■ Halogen Free is defined as having maximum 900 ppm bromine, maximum 900 ppm chlorine, and/or maximum 1500 ppm total bromine and chlorine, per IEC 61249-2-21.

Applications
■ 3M absorber AB5000SHF series is typically used for appli-cations requiring electromagnetic absorbing performance. These absorbers are useful for electrical devices for broad-band radio frequency range (mobile phone, PDA, PC, BS/CS tuner, LAN, medical and military devices). This absorber series suppresses radiated noise from electrical devices for broadband radio frequency range. Common uses include mobile phone (SAR reduction), computer, digital still camera, RF block, military equipments for radar avoidance and stealth performance. Attenuation and Power Loss Many factors determine the true attenuation of an electromagnetic absorbing material, including shape and thickness, intimacy of substrate contact, smoothness of application surface, strength and frequency of the EMI signal, etc. However, using standard tests and fixtures, it is possible to determine a value for the signal attenuation. 3M absorber AB5000SHF series’ typical attenuation range is dependent on thickness.




Similar Part No. - AB5100SHF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
AB5010R 3M-AB5010R Datasheet
91Kb / 3P
Electromagnetic Absorber for RFID Application
2003
logo
PUI audio inc.
AB5027B-3-LW100-R PUIAUDIO-AB5027B-3-LW100-R Datasheet
257Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
3M Electronics
AB5050 3M-AB5050 Datasheet
200Kb / 2P
EMI Absorber
logo
Assmann Electronics Inc...
AB557-R ASSMANN-AB557-R Datasheet
48Kb / 1P
HDMI A - DVI-D Adapter HDMI 19pin A Male DVI-D(24 1) Male
logo
Texas Instruments
AB574A TI-AB574A Datasheet
332Kb / 17P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Similar Description - AB5100SHF

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
32401 WURTH-32401 Datasheet
616Kb / 2P
Flexible absorber foil WE-FAS EMI
32403 WURTH-32403 Datasheet
617Kb / 2P
Flexible absorber foil WE-FAS EMI
324075 WURTH-324075 Datasheet
618Kb / 2P
Flexible absorber foil WE-FAS EMI
logo
3M Electronics
AB-5000 3M-AB-5000 Datasheet
200Kb / 2P
EMI Absorber
AB6000 3M-AB6000 Datasheet
88Kb / 4P
EMI Absorber with Shielding
Oct-2008
AB7000 3M-AB7000 Datasheet
67Kb / 2P
EMI Absorber
Feb-2009
1318125 3M-1318125 Datasheet
136Kb / 2P
EMI Absorber
AB5050 3M-AB5050 Datasheet
200Kb / 2P
EMI Absorber
AB-5000S 3M-AB-5000S Datasheet
130Kb / 2P
EMI Absorber
2007
logo
Laird Tech Smart Techno...
NS1000HTRC LSTD-NS1000HTRC Datasheet
271Kb / 3P
EMI Noise Suppression Absorber
20221007
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com