Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35RED Datasheet (PDF) - 3M Electronics

35RED Datasheet PDF - 3M Electronics
Part # 35RED
Download  35RED Download
File Size   50.02 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Vinyl Electrical Tape 35

35RED Datasheet (PDF)

Go To PDF Page Download Datasheet
35RED Datasheet PDF - 3M Electronics

Part # 35RED
Download  35RED Click to download

File Size   50.02 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Vinyl Electrical Tape 35

35RED Datasheet (HTML) - 3M Electronics


35RED Product details

Description
Scotch® Vinyl Electrical Tape 35 is a 7 mil (0,178 mm) polyvinyl chloride (PVC) colorcoding tape. Outstanding electrical and mechanical properties make this tape excellent for use in phase identification, color coding of motor leads and piping systems, and for

Applications
■ Color coding for phase identification, job identification and safety
■ Insulating electrical wiring
■ Protecting electrical conductors, motor leads and piping from moisture, alkalis, acids, corrosion, abrasion and weather
■ Installation
■ Apply in half-lapped layers with sufficient tension to conform and produce a uniform covering. In most applications, this tension will reduce the tape width to approximately 60% of its original width.
■ On a pigtail splice, wrap the tape beyond the end of the wire and then fold back and over-wrap, leaving a protective cushion to resist cut-through.
■ Wrap uphill, taping from a smaller diameter to a larger diameter surface. Apply the tape with no tension on the last wrap to prevent flagging. Specifications Scotch® Tape 35 is based on polyvinyl chloride (PVC) and/or its copolymers and has a rubber-based, pressure-sensitive adhesive. The tape shall be 7 mils thick, and be UL Listed and marked per UL Standard 510 as “Flame-Retardant.” The tape shall be compatible with synthetic cable insulations, jackets and splicing compounds. The tape will remain stable and will not telescope more than 0.1 inches when maintained at temperatures below 122°F (50°C). 1 of 2 3




Similar Part No. - 35RED

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
35R THINKISEMI-35R Datasheet
1Mb / 3P
35 Ampere Standard Type Block Rectifier Diodes for Automotive Alternators
logo
Switchcraft, Inc.
35RASMT2BHNTRX SWITCH-35RASMT2BHNTRX Datasheet
100Kb / 2P
3.5MM PHONE JACK SURFACE MOUNT
13-JAN-06
35RASMT4B SWITCH-35RASMT4B Datasheet
108Kb / 2P
3.5MM PHONE JACK SURFACE MOUNT, ROHS
35RASMT4BHNTRX SWITCH-35RASMT4BHNTRX Datasheet
108Kb / 2P
3.5MM PHONE JACK SURFACE MOUNT, ROHS
logo
VINATech Co.,Ltd.
35RHV100MD11 VINATECH-35RHV100MD11 Datasheet
927Kb / 2P
High Voltage, High Capacitance Low ESR, High ripple current Load life of 5,000h at 105°C
More results


Similar Description - 35RED

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1400 3M-1400 Datasheet
37Kb / 2P
Economy Vinyl Electrical Tape 1400
Feb-2010
1700 3M-1700 Datasheet
30Kb / 2P
3M Temflex Vinyl Electrical Tape 1700
Nov-2011
SUPER33 3M-SUPER33 Datasheet
32Kb / 3P
Vinyl Electrical Tape
Rev D
TAPE22 3M-TAPE22 Datasheet
30Kb / 4P
Heavy Duty Vinyl Electrical Tape 22
Rev D
TAPE35 3M-TAPE35_17 Datasheet
45Kb / 2P
Vinyl Electrical Tape 35
Rev F
TAPE88 3M-TAPE88 Datasheet
53Kb / 3P
Vinyl Electrical Tape Super 88
Jul-2011
TEMFLEX1300 3M-TEMFLEX1300 Datasheet
88Kb / 2P
Vinyl Electrical Tape
66R 3M-66R Datasheet
33Kb / 3P
Scotch® Vinyl Electrical Tape 66R
Dec-2011
175 3M-175 Datasheet
127Kb / 2P
3M Temflex Vinyl Electrical Tape 175
Rev C
165 3M-165 Datasheet
127Kb / 2P
Vinyl Electrical Tape 165
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com