Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1861M Datasheet (PDF) - ON Semiconductor

LB1861M Datasheet PDF - ON Semiconductor
Part # LB1861M
Download  LB1861M Download
File Size   138.38 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Two-Phase Half-Wave Variable Speed Fan Motor Driver

LB1861M Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1861M Datasheet PDF - ON Semiconductor

Part # LB1861M
Download  LB1861M Click to download

File Size   138.38 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Two-Phase Half-Wave Variable Speed Fan Motor Driver

LB1861M Datasheet (HTML) - ON Semiconductor


LB1861M Product details

Features
• Two-speed mode select function requiring less external component additions : Full speed and Low speed. Or, thermistor-controlled continuous variable-speed function according to ambient operation temperatures.
    → Motor starts rotating at a low speed.
• Motor lock protection and automatic return circuit built in
• Output transistors: Output current IO = 1.5 A, output circuit protection Zener diodes (LB1860 : M-Vz = 57 V/ LB1861: M-Vz = 32 V)
    → Enables low-level noise protection with chip capacitor.
• Built-in thermal shutdown circuit Built-in rotation detect function (Drive mode: ‘‘L’’, Stop mode: ‘‘H’’)
• The LB1860 series can be operated from either 12 V or 24 V power supply by changing an external resistor. (Strong protection against power supply surge)
• Connectable direct to a Hall element




Similar Part No. - LB1861M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1861M SANYO-LB1861M Datasheet
79Kb / 6P
Variable Speed Fan Motor Driver
More results


Similar Description - LB1861M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
Fan Motor 2-Phase Half-Wave Driver
LB1965M SANYO-LB1965M Datasheet
61Kb / 6P
Two-Phase Unipolar Driver for Variable-Speed Fan Motor
LB1966M SANYO-LB1966M Datasheet
32Kb / 4P
Fan Motor 2-Phase Half-Wave Driver
LB1967M SANYO-LB1967M Datasheet
35Kb / 4P
Fan Motor 2-Phase Half-Wave Driver
logo
List of Unclassifed Man...
AMC8500 ETC2-AMC8500 Datasheet
715Kb / 27P
TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
logo
Sanyo Semicon Device
LB11668M SANYO-LB11668M Datasheet
153Kb / 4P
For Fan Motor Two-Phase Half-Wave Driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Rohm
BA6406F ROHM-BA6406F_12 Datasheet
509Kb / 16P
Two-Phase Half-Wave Pre Driver Fan Motor Driver
BA6506F ROHM-BA6506F_12 Datasheet
402Kb / 16P
Two-Phase Half-Wave Pre Driver Fan Motor Driver
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com