Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1366Q Datasheet (PDF) - Diodes Incorporated

ZXLD1366Q Datasheet PDF - Diodes Incorporated
Part # ZXLD1366Q
Download  ZXLD1366Q Download
File Size   1625.46 Kbytes
Page   29 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER

ZXLD1366Q Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXLD1366Q Datasheet PDF - Diodes Incorporated

Part # ZXLD1366Q
Download  ZXLD1366Q Click to download

File Size   1625.46 Kbytes
Page   29 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER

ZXLD1366Q Datasheet (HTML) - Diodes Incorporated




Similar Part No. - ZXLD1366Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1366Q DIODES-ZXLD1366Q Datasheet
1Mb / 32P
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
Rev 2
ZXLD1366QDACTC DIODES-ZXLD1366QDACTC Datasheet
1Mb / 32P
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
Rev 2
ZXLD1366QEN8TC DIODES-ZXLD1366QEN8TC Datasheet
1Mb / 32P
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
Rev 2
ZXLD1366QET5TA DIODES-ZXLD1366QET5TA Datasheet
1Mb / 32P
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
Rev 2
ZXLD1366Q DIODES-ZXLD1366Q_18 Datasheet
1Mb / 32P
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
Rev 2
More results


Similar Description - ZXLD1366Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
High accuracy 1A, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
Rev 5
ZXLD1366ET5TA DIODES-ZXLD1366ET5TA Datasheet
856Kb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 7
ZXLD1370Q DIODES-ZXLD1370Q Datasheet
1Mb / 37P
AUTOMOTIVE COMPLIANT 60V HIGH ACCURACY
Rev 1
AL5809Q DIODES-AL5809Q_17 Datasheet
520Kb / 12P
AUTOMOTIVE COMPLIANT 60V TWO TERMINAL CONSTANT CURRENT LED DRIVER
Rev 2
AL5816Q DIODES-AL5816Q Datasheet
236Kb / 10P
AUTOMOTIVE COMPLIANT 60V LINEAR LED CONTROLLER
Rev 1
AL8862 DIODES-AL8862 Datasheet
489Kb / 16P
60V 1A STEP-DOWN LED DRIVER
Rev 1
ZXLD1366 DIODES-ZXLD1366_16 Datasheet
1Mb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 9
ZXLD1366Q DIODES-ZXLD1366Q_18 Datasheet
1Mb / 32P
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
Rev 2
ZXLD1370Q DIODES-ZXLD1370Q_18 Datasheet
1Mb / 39P
AUTOMOTIVE COMPLIANT 60V HIGH ACCURACY BUCK/
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com