Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIF12W300N Datasheet (PDF) - Artesyn Technologies

AIF12W300N Datasheet PDF - Artesyn Technologies
Part # AIF12W300N
Download  AIF12W300N Download
File Size   592.09 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Total Power: 600 Watts

AIF12W300N Datasheet (PDF)

Go To PDF Page Download Datasheet
AIF12W300N Datasheet PDF - Artesyn Technologies

Part # AIF12W300N
Download  AIF12W300N Click to download

File Size   592.09 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Total Power: 600 Watts

AIF12W300N Datasheet (HTML) - Artesyn Technologies


AIF12W300N Product details

SPECIAL FEATURES
■ 600 W continuous power at 100 °C baseplate temperature
■ 108 W/in3 (6.6 W/cm3)
■ High effciency - 90% typical
■ Low output ripple and noise
■ Positive and Negative enable function
■ Excellent transient response
■ OVP, OCP, V Adj control with ALPTM
■ Paralleable with accurate current sharing
■ Two year warranty




Similar Part No. - AIF12W300N

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AIF12W300N-L EMERSON-NETWORKPOWER-AIF12W300N-L Datasheet
148Kb / 2P
600 W continuous power at 100 째C baseplate temperature
More results


Similar Description - AIF12W300N

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
Total Power: 65 Watts
AIF120Y300 ARTESYN-AIF120Y300 Datasheet
523Kb / 3P
Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
Total Power: 800 Watts
AGF600-48S28-6L ARTESYN-AGF600-48S28-6L Datasheet
547Kb / 3P
Total Power: 600 Watts
ADQ600-48S12-6L ARTESYN-ADQ600-48S12-6L Datasheet
750Kb / 3P
Total Power: 600 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
Total Power: 100 Watts
AVE600-48S12B-4L ARTESYN-AVE600-48S12B-4L Datasheet
1Mb / 3P
Total Power: 600 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
Total Power: 75 Watts
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
Total Power: 50 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com