Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9181CB Datasheet (PDF) - Richtek Technology Corporation

RT9181CB Datasheet PDF - Richtek Technology Corporation
Part # RT9181CB
Download  RT9181CB Download
File Size   200.1 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 150MA LDO REGULATOR WITH POG

RT9181CB Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9181CB Datasheet PDF - Richtek Technology Corporation

Part # RT9181CB
Download  RT9181CB Click to download

File Size   200.1 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 150MA LDO REGULATOR WITH POG

RT9181CB Datasheet (HTML) - Richtek Technology Corporation


RT9181CB Product details

General Description
The RT9181 is a low dropout voltage regulator with an output 2% accuracy and supply a continuous 150mA current within operating range from a +3V to +5.5V input. The power good function monitors the output voltage and indicates by pulling low the power good output (open drain).

Features
• Low Dropout Voltage Regulator, Output 1.2V
• Up to 150mA Output Current
• Power Good (POG) Function
• Chip Enable/Shutdown Function
• Load Independent, Low Ground Current, 160µA
• Current Limiting and Thermal Protection
• Under Voltage Lockout (UVLO)
• Low Variation Due to Load and Line Regulation
• Output Stable with Low ESR Capacitors
• SOT-25 Package

Applications
• Processor Power-Up Sequencing
• Laptop, Notebook, and Palmtop Computers




Similar Part No. - RT9181CB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181 Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
RT9181-18GB RICHTEK-RT9181-18GB Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
RT9181-18PB RICHTEK-RT9181-18PB Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
RT9181 RICHTEK-RT9181_07 Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
More results


Similar Description - RT9181CB

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
150mA LDO REGULATOR
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
150mA LDO REGULATOR
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
150mA CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181_07 Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180 RICOH-R1180 Datasheet
303Kb / 19P
150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
150mA DUAL LDO REGULATOR
LR9280 UTC-LR9280 Datasheet
240Kb / 6P
150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
150mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com