Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9181CB Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9181CB
Description  150MA LDO REGULATOR WITH POG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9181CB Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9181CB Datasheet HTML 1Page - Richtek Technology Corporation RT9181CB Datasheet HTML 2Page - Richtek Technology Corporation RT9181CB Datasheet HTML 3Page - Richtek Technology Corporation RT9181CB Datasheet HTML 4Page - Richtek Technology Corporation RT9181CB Datasheet HTML 5Page - Richtek Technology Corporation RT9181CB Datasheet HTML 6Page - Richtek Technology Corporation RT9181CB Datasheet HTML 7Page - Richtek Technology Corporation RT9181CB Datasheet HTML 8Page - Richtek Technology Corporation RT9181CB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9181
Preliminary
www.richtek-ic.com.tw
DS9181-00 February 2002
4
Typical Operating Charateristics
Quiescent Current vs. Supply Voltage
150
155
160
165
170
175
180
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
Current Limit vs. Supply Voltage
200
250
300
350
400
33.5
44.555.5
6
Supply Voltage (V)
Output Voltage vs. Temperature
1.190
1.195
1.200
1.205
1.210
-20
0
20
40
60
80
Temperature ( C)
°
VIN = 5V
ILOAD = 0.1mA
Current Limit vs. Temperature
200
250
300
350
400
-20
0
20
40
60
80
Temperature ( C)
°
VIN = 5V
Output Voltage vs. Supply Voltage
1.190
1.195
1.200
1.205
1.210
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
ILOAD = 0.1mA
Quiescent Current vs. Temperature
150
155
160
165
170
175
180
-20
0
20
40
60
80
Temperature ( C)
°
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com