Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA02C36-L Datasheet (PDF) - Artesyn Technologies

AXA02C36-L Datasheet PDF - Artesyn Technologies
Part # AXA02C36-L
Download  AXA02C36-L Download
File Size   514.41 Kbytes
Page   2 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Total Power: 25 W

AXA02C36-L Datasheet (PDF)

Go To PDF Page Download Datasheet
AXA02C36-L Datasheet PDF - Artesyn Technologies

Part # AXA02C36-L
Download  AXA02C36-L Click to download

File Size   514.41 Kbytes
Page   2 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Total Power: 25 W

AXA02C36-L Datasheet (HTML) - Artesyn Technologies




Similar Part No. - AXA02C36-L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AXA02A18-L ARTESYN-AXA02A18-L Datasheet
415Kb / 2P
Total Power: 10 W
AXA02A18-L ARTESYN-AXA02A18-L Datasheet
415Kb / 2P
Metal case with isolated baseplate
AXA02A36-L ARTESYN-AXA02A36-L Datasheet
415Kb / 2P
Total Power: 10 W
AXA02A36-L ARTESYN-AXA02A36-L Datasheet
415Kb / 2P
Metal case with isolated baseplate
AXA02F18-L ARTESYN-AXA02F18-L Datasheet
415Kb / 2P
Total Power: 10 W
More results


Similar Description - AXA02C36-L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXB100-24S12FLTJ ARTESYN-BXB100-24S12FLTJ Datasheet
613Kb / 3P
Total Power: 66 - 100 W
AYA01F05-L ARTESYN-AYA01F05-L Datasheet
454Kb / 3P
Total Power: 3 W
AXA02F18-L ARTESYN-AXA02F18-L Datasheet
415Kb / 2P
Total Power: 10 W
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
Total Power: Up to 4920 W
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
Total Power: Up to 1500 W
ERM15A72 ARTESYN-ERM15A72 Datasheet
443Kb / 2P
Total Power: 75 W
ERM10A72 ARTESYN-ERM10A72 Datasheet
442Kb / 2P
Total Power: 50 W
LPT22 ARTESYN-LPT22 Datasheet
1Mb / 4P
Total Power: 25 - 40 Watts
LPS22 ARTESYN-LPS22 Datasheet
709Kb / 3P
Total Power: 25 - 40 Watts
logo
STMicroelectronics
STEVAL-ISA022V1 STMICROELECTRONICS-STEVAL-ISA022V1 Datasheet
165Kb / 4P
Total maximum output power: 5.5 W
03-Dec-2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com