Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW30NM60D Datasheet (PDF) - STMicroelectronics

STW30NM60D Datasheet PDF - STMicroelectronics
Part # STW30NM60D
Download  STW30NM60D Download
File Size   244.48 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 0.125 - 30A TO-247 Fast Diode MDmesh MOSFET

STW30NM60D Datasheet (PDF)

Go To PDF Page Download Datasheet
STW30NM60D Datasheet PDF - STMicroelectronics

Part # STW30NM60D
Download  STW30NM60D Click to download

File Size   244.48 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 0.125 - 30A TO-247 Fast Diode MDmesh MOSFET

STW30NM60D Datasheet (HTML) - STMicroelectronics


STW30NM60D Product details

Description
The FDmesh™ associates all advantages of reduced on-resistance and fast switching with an intrinsic fast-recovery body diode. It is therefore strongly recommended for bridge topologies, in particular ZVS phase-shift converters.

Features
■ TYPICAL RDS(on) = 0.125 Ω
■ HIGH dv/dt AND AVALANCHE CAPABILITIES
■ 100% AVALANCHE RATED
■ LOW INPUT CAPACITANCE AND GATE CHARGE
■ LOW GATE INPUT RESISTANCE
■ FAST INTERNAL RECOVERY DIODE

Applications
■ ZVS PHASE-SHIFT FULL BRIDGE CONVERTERS FOR SMPS AND WELDING EQUIPMENT




Similar Part No. - STW30NM60D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW30NM60D ISC-STW30NM60D Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STW30NM60D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
Jul-1999
STW20NM60 STMICROELECTRONICS-STW20NM60 Datasheet
256Kb / 8P
N-CHANNEL 600V - 0.26ohm - 20A TO-247 MDmesh™ Power MOSFET
Aug-2002
STW47NM60 STMICROELECTRONICS-STW47NM60 Datasheet
117Kb / 6P
N-CHANNEL 600V - 0.075ohm - 47A TO-247 MDmesh™ Power MOSFET
Jan-2003
logo
Nihon Inter Electronics...
30KRC60 NIEC-30KRC60 Datasheet
995Kb / 8P
THYRISTOR - 30A, 600V, TO-247
logo
STMicroelectronics
STGW20NC60VD STMICROELECTRONICS-STGW20NC60VD Datasheet
303Kb / 11P
N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
12-Jul-2004
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
293Kb / 11P
N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
07-Jun-2004
STGW30NC60W STMICROELECTRONICS-STGW30NC60W Datasheet
98Kb / 9P
N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH IGBT
15-Sep-2005
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD Datasheet
280Kb / 14P
N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH??IGBT
06-Mar-2006
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_07 Datasheet
306Kb / 14P
N-channel 30A - 600V - TO-247 Ultra fast switching PowerMESH??IGBT
12-Jul-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com