Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW47NM60 Datasheet (PDF) - STMicroelectronics

STW47NM60 Datasheet PDF - STMicroelectronics
Part # STW47NM60
Download  STW47NM60 Download
File Size   117.19 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 0.075ohm - 47A TO-247 MDmesh™ Power MOSFET

STW47NM60 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW47NM60 Datasheet PDF - STMicroelectronics

Part # STW47NM60
Download  STW47NM60 Click to download

File Size   117.19 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 0.075ohm - 47A TO-247 MDmesh™ Power MOSFET

STW47NM60 Datasheet (HTML) - STMicroelectronics


STW47NM60 Product details

DESCRIPTION

This improved version of MDmesh™ which is based on Multiple Drain process represents the new benchmark in high voltage MOSFETs. The resulting product exhibits even lower on-resistance, impressively high dv/dt and excellent avalanche character

istics. The adoption of the Company’s proprietary strip technique yields overall performances that are significantly better than that of similar competition’s products.



TYPICAL RDS(on) = 0.075Ω

HIGH dv/dt AND AVALANCHE CAPABILITIES

100% AVALANCHE TESTED

LOW INPUT CAPACITANCE AND GATE CHARGE

LOW GATE INPUT RESISTANCE

TIGHT PROCESS CONTROL AND HIGH MANUFACTURING YIELDS



APPLICATIONS

The MDmesh™ family is very suitable for increasing

power density of high voltage converters allowing

system miniaturization and higher efficiencies.




Similar Part No. - STW47NM60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW47NM60 ISC-STW47NM60 Datasheet
352Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW47NM60ND STMICROELECTRONICS-STW47NM60ND Datasheet
1Mb / 12P
N-channel 600 V, 0.075 廓 typ., 35 A FDmesh??II Power MOSFET (with fast diode) in a TO-247 package
30-Nov-2012
logo
Inchange Semiconductor ...
STW47NM60ND ISC-STW47NM60ND Datasheet
348Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STW47NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW14NM50 STMICROELECTRONICS-STW14NM50 Datasheet
248Kb / 9P
N-CHANNEL 550V - 0.32ohm - 14A TO-247 MDmesh Power MOSFET
05-Jul-2004
STW20NM60 STMICROELECTRONICS-STW20NM60 Datasheet
256Kb / 8P
N-CHANNEL 600V - 0.26ohm - 20A TO-247 MDmesh™ Power MOSFET
Aug-2002
STW26NM60 STMICROELECTRONICS-STW26NM60 Datasheet
233Kb / 9P
N-CHANNEL 600V - 0.125ohm - 26A TO-247 Zener-Protected MDmesh™ Power MOSFET
24-Jun-2004
STW30NM60D STMICROELECTRONICS-STW30NM60D Datasheet
244Kb / 9P
N-CHANNEL 600V - 0.125 - 30A TO-247 Fast Diode MDmesh MOSFET
24-Jun-2004
STP25NM60N STMICROELECTRONICS-STP25NM60N Datasheet
273Kb / 12P
N-CHANNEL 600V 0.140-20A TO-220/FP/DAK/TO-247 SECOND GENERATION MDmesh MOSFET
08-Jun-2005
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
27-Aug-2007
logo
Rohm
R6047MNZ ROHM-R6047MNZ Datasheet
2Mb / 14P
Nch 600V 47A Power MOSFET
logo
STMicroelectronics
STP9NM60 STMICROELECTRONICS-STP9NM60 Datasheet
181Kb / 9P
N-CHANNEL 600V - 0.55Ω - 8.3A TO-220/DPAK/IPAK MDmesh™ Power MOSFET
January 2004
STW26NM60N-H STMICROELECTRONICS-STW26NM60N-H Datasheet
681Kb / 12P
N-channel 600 V, 0.135 Ω, 20 A TO-247 MDmesh™ II Power MOSFET
06-Oct-2009
STW20NM50 STMICROELECTRONICS-STW20NM50_V01 Datasheet
182Kb / 8P
N-CHANNEL 550V @ Tjmax - 0.20Ω - 20A TO-247 MDmesh™ MOSFET
Feb-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com