Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW14NM50 Datasheet (PDF) - STMicroelectronics

STW14NM50 Datasheet PDF - STMicroelectronics
Part # STW14NM50
Download  STW14NM50 Download
File Size   248.48 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 550V - 0.32ohm - 14A TO-247 MDmesh Power MOSFET

STW14NM50 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW14NM50 Datasheet PDF - STMicroelectronics

Part # STW14NM50
Download  STW14NM50 Click to download

File Size   248.48 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 550V - 0.32ohm - 14A TO-247 MDmesh Power MOSFET

STW14NM50 Datasheet (HTML) - STMicroelectronics


STW14NM50 Product details

DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET technology that associates the Multiple Drain process with the Company’s PowerMESH™ horizontal layout. The resulting product has an outstanding low on-resistance, impressively high dv/dt and excellent avalanche characteristics. The adoption of the Company’s proprierati strip technique yields overall dynamic performance that is significantly better than that of similar completition’s products.

General Features

■ TYPICAL RDS(on) = 0.32 Ω
■ HIGH dv/dt AND AVALANCHE CAPABILITIES
■ 100% AVALANCHE RATED
■ LOW INPUT CAPACITANCE AND GATE CHARGE
■ LOW GATE INPUT RESISTANCE
■ TIGHT PROCESS CONTROL AND HIGH MANUFACTORING YIELDS

APPLICATIONS
   The MDmesh™ family is very suitablr for increase
   the power density of high voltage converters allowing
   system miniaturization and higher efficiencies.




Similar Part No. - STW14NM50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW14NM50 ISC-STW14NM50 Datasheet
350Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW14NM50FD STMICROELECTRONICS-STW14NM50FD Datasheet
649Kb / 14P
N-CHANNEL500V-0.32ohm-12ATO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??Power MOSFET with FAST DIODE
Jun-2002
STW14NM50FD STMICROELECTRONICS-STW14NM50FD Datasheet
466Kb / 18P
N-channel 500V - 0.32Ω - 12A - TO-220/FP - D2/I2PAK - TO-247 FDmesh??Power MOSFET (with fast diode)
03-May-2006
More results


Similar Description - STW14NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
Aug-1998
STW14NB50 STMICROELECTRONICS-STW14NB50 Datasheet
50Kb / 5P
N-CHANNEL 500V - 0.40 ohm - 14A - TO-247 PowerMESH MOSFET
Apr-1999
STW20NM50 STMICROELECTRONICS-STW20NM50 Datasheet
256Kb / 8P
N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh™ Power MOSFET
Aug-2002
STW45NM50 STMICROELECTRONICS-STW45NM50 Datasheet
244Kb / 9P
N-CHANNEL 550V Tjmax - 0.08ohm - 45A TO-247 MDmesh TM MOSFET
Mar-2005
STW47NM60 STMICROELECTRONICS-STW47NM60 Datasheet
117Kb / 6P
N-CHANNEL 600V - 0.075ohm - 47A TO-247 MDmesh™ Power MOSFET
Jan-2003
STW14NC50 STMICROELECTRONICS-STW14NC50 Datasheet
266Kb / 8P
N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET
May-2001
STP8NM50 STMICROELECTRONICS-STP8NM50_06 Datasheet
288Kb / 14P
N-channel 550V @ Tjmax - 0.7Ω - 8A - TO-220 - TO-220FP MDmesh??Power MOSFET
18-Oct-2006
STB15NM60N STMICROELECTRONICS-STB15NM60N Datasheet
607Kb / 18P
N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
03-May-2007
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
logo
STMicroelectronics
STW20NM50 STMICROELECTRONICS-STW20NM50_V01 Datasheet
182Kb / 8P
N-CHANNEL 550V @ Tjmax - 0.20Ω - 20A TO-247 MDmesh™ MOSFET
Feb-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com