Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST6-7ST Datasheet (PDF) - STMicroelectronics

ACST6-7ST Datasheet PDF - STMicroelectronics
Part # ACST6-7ST
Download  ACST6-7ST Download
File Size   122.57 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OVER VOLTAGE PROTECTED AC POWER SWITCH

ACST6-7ST Datasheet (PDF)

Go To PDF Page Download Datasheet
ACST6-7ST Datasheet PDF - STMicroelectronics

Part # ACST6-7ST
Download  ACST6-7ST Click to download

File Size   122.57 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OVER VOLTAGE PROTECTED AC POWER SWITCH

ACST6-7ST Datasheet (HTML) - STMicroelectronics


ACST6-7ST Product details

DESCRIPTION
The ACST6-7Sx belongs to the AC power switch family built around the ASD technology. This high performance device is adapted to home appliances or industrial systems and drives an induction motor up to 6A.
This ACST switch embeds a triac structure with a high voltage clamping device to absorb the inductive turn-off energy and withstand line transients such as those described in the IEC61000-4-5 standards.

FEATURES
■ VDRM / VRRM = +/- 700V
■ Avalanche controlled device
■ IT(RMS)=1.5 A with no heat sink and Tamb = 40°C
■ IT(RMS) = 6A with TCASE = 105 °C
■ High noise immunity: static dV/dt > 200 V/µs
■ Gate triggering current : IGT < 10 mA
■ Snubberless turn off commutation: (dI/dt)c > 3.5A/ms
■ D2PAK, I2PAK, TO-220FPAB or TO-220 package

MAIN APPLICATIONS
■ AC static switching in appliance & industrial control systems
■ Induction motor drive actuator for:
   - Refrigerator / Freezer compressor
   - Dishwasher spray pump
   - Clothes drier tumble
■ Actuator for the thermostat of a refrigerator or freezer

BENEFITS
■ Enables equipment to meet IEC61000-4-5 standards
■ High off-state reliability with planar technology
■ Needs no external overvoltage protection
■ Direct interface with the microcontroller
■ Reduces the power component count




Similar Part No. - ACST6-7ST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST6 STMICROELECTRONICS-ACST6 Datasheet
184Kb / 15P
Overvoltage protected AC switch
18-Dec-2009
ACST6610-8FR STMICROELECTRONICS-ACST6610-8FR Datasheet
184Kb / 15P
Overvoltage protected AC switch
18-Dec-2009
ACST6610-8FRTR STMICROELECTRONICS-ACST6610-8FRTR Datasheet
184Kb / 15P
Overvoltage protected AC switch
18-Dec-2009
ACST6610-8G STMICROELECTRONICS-ACST6610-8G Datasheet
184Kb / 15P
Overvoltage protected AC switch
18-Dec-2009
ACST6610-8GTR STMICROELECTRONICS-ACST6610-8GTR Datasheet
184Kb / 15P
Overvoltage protected AC switch
18-Dec-2009
More results


Similar Description - ACST6-7ST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST8 STMICROELECTRONICS-ACST8 Datasheet
126Kb / 10P
OVER VOLTAGE PROTECTED AC POWER SWITCH
24-Nov-2004
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1 Datasheet
72Kb / 8P
Over Voltage Protected High Side Switch
September, 2001 ??Rev. 2
logo
STMicroelectronics
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
131Kb / 11P
AC switch family Transient voltage protected AC Switch (ACSTM)
05-Jan-2005
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_06 Datasheet
62Kb / 4P
Over Voltage Protected High Side Switch
April, 2006 ??Rev. 4
logo
STMicroelectronics
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
OVER VOLTAGE PROTECTED AC POWER SWITCH
Jan-2002
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
AC switch family Transient voltage protected AC Switch (ACS)
07-Jun-2006
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
Transient protected AC power switch
02-Dec-2008
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
Transient protected AC power switch
02-Dec-2008
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_14 Datasheet
63Kb / 4P
Over Voltage Protected High Side Switch
June, 2014 ??Rev. 8
logo
Kinetic Technologies.
KTS1680 KINETIC-KTS1680 Datasheet
846Kb / 10P
Surge and Over-voltage Protected Load Switch
November 2016 - Revision 04a
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com