Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST6-7ST Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACST6-7ST
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST6-7ST Datasheet(HTML) 5 Page - STMicroelectronics

  ACST6-7ST Datasheet HTML 1Page - STMicroelectronics ACST6-7ST Datasheet HTML 2Page - STMicroelectronics ACST6-7ST Datasheet HTML 3Page - STMicroelectronics ACST6-7ST Datasheet HTML 4Page - STMicroelectronics ACST6-7ST Datasheet HTML 5Page - STMicroelectronics ACST6-7ST Datasheet HTML 6Page - STMicroelectronics ACST6-7ST Datasheet HTML 7Page - STMicroelectronics ACST6-7ST Datasheet HTML 8Page - STMicroelectronics ACST6-7ST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ACST6
5/10
®
Figure 4: Maximum power dissipation versus
RMS on-state current (full cycle)
Figure 5: RMS on-state current versus case
temperature (full cycle)
Figure 6: RMS on-state current versus ambient
temperature (printed circuit board FR4, copper
thickness: 35
µm), full cycle
Figure 7: Relative variation of thermal imped-
ance versus pulse duration
01
2345
6
0
1
2
3
4
5
6
7
8
P(W)
I
(A)
T(RMS)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
TO-220AB, D PAK & I
22PAK
TO-220FPAB
I
(A)
T(RMS)
T (°C)
C
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
DPAK
S=1cm
2
2
I
(A)
T(RMS)
T
(°C)
amb
TO-220FPAB, TO-220AB & I
Free air
2PAK
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-3
1E-2
1E-1
1E+0
Zth(j-c)
TO-220AB, D PAK & I PAK
22
Zth(j-c)
TO-220FPAB
Zth(j-a)
K=[Z /R ]
th
th
t (°C)
p
Figure 8: On-state characteristics (maximum
values)
Figure 9: Surge peak on-state current versus
number of cycles
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.1
1.0
10.0
50.0
I
(A)
TM
V
(V)
TM
T max.
V
= 0.9V
R = 80m
j
T0
d
1
10
100
1000
0
5
10
15
20
25
30
35
40
45
50
I
(A)
TSM
Number of cycles
Non repetitive
Tj initial=25°C
Repetitive
T =105°C
c
t=20ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com