Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL34 Datasheet (PDF) - Frontier Electronics.

SL34 Datasheet PDF - Frontier Electronics.
Part # SL34
Download  SL34 Download
File Size   450.53 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 3A SCHOTTKY BARRIER RECTIFIERS

SL34 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL34 Datasheet PDF - Frontier Electronics.

Part # SL34
Download  SL34 Click to download

File Size   450.53 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 3A SCHOTTKY BARRIER RECTIFIERS

SL34 Datasheet (HTML) - Frontier Electronics.


SL34 Product details

PRODUCT FEATURES
1. FLAMMABILITY CLASSIFICATION 94V-0
2. EXTREMELY LOW VF
3. BUILT-IN STRAIN RELIEF
4. MAJORITY CARRIER CONDUCTION
5. LOW FORWARD VOLTAGE/LOW PROFILE
6. CASE: TRANSFER MOLDED, DO-214AB (SMC)
7. DIMENSIONS IN INCHES AND (MILLIMETERS)
8. LEADS: SOLDERABILITY PER MIL-STD-750 METHOD 2026
9. WEIGHT: 0.21 GRAMS
10 RoHS COMPLIANT




Similar Part No. - SL34

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL34 PANJIT-SL34 Datasheet
55Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SL34 TRSYS-SL34 Datasheet
123Kb / 1P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SL34 FORMOSA-SL34 Datasheet
68Kb / 2P
Silicon epitaxial planer type
logo
GOOD-ARK Electronics
SL34 GOOD-ARK-SL34 Datasheet
181Kb / 2P
Surface Mount Low VF Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 3.0 Amperes
logo
Guangdong Juxing Electr...
SL34 JUXING-SL34 Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
More results


Similar Description - SL34

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
1N5820 TAITRON-1N5820 Datasheet
179Kb / 4P
3A Schottky Barrier Rectifiers
logo
Frontier Electronics.
1N5820 FRONTIER-1N5820 Datasheet
120Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
1N5820-LFR FRONTIER-1N5820-LFR Datasheet
120Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
SK32A FRONTIER-SK32A Datasheet
125Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SR302 FRONTIER-SR302 Datasheet
124Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
SR302-LFR FRONTIER-SR302-LFR Datasheet
124Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
SR340 FRONTIER-SR340 Datasheet
381Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
SR3150 FRONTIER-SR3150 Datasheet
371Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK340LFL SECOS-SK340LFL Datasheet
297Kb / 2P
40V, 3A Schottky Barrier Rectifiers
SM345FL SECOS-SM345FL Datasheet
217Kb / 2P
3A, 45V Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com