Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8830 Datasheet (PDF) - Analog Devices

ADM8830 Datasheet PDF - Analog Devices
Part # ADM8830
Download  ADM8830 Download
File Size   1146.8 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Charge Pump Regulator for Color TFT Panel

ADM8830 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM8830 Datasheet PDF - Analog Devices

Part # ADM8830
Download  ADM8830 Click to download

File Size   1146.8 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Charge Pump Regulator for Color TFT Panel

ADM8830 Datasheet (HTML) - Analog Devices


ADM8830 Product details

GENERAL DESCRIPTION
The ADM8830 is a charge pump regulator used for color thin film transistor (TFT) liquid crystal displays (LCDs). Using charge pump technology, the device can be used to generate three output voltages (+5.1 V ± 2%, +15.3 V, –10.2 V) from a single 3 V input supply. These outputs are then used to provide supplies for the LCD controller (5.1 V) and the gate drives for the transistors in the panel (+15.3 V and –10.2 V). Only a few external capacitors are needed for the charge pumps. An efficient low dropout voltage regulator also ensures that the power efficiency is high and provides a low ripple 5.1 V output. This LDO can be shut down and an external LDO used to regulate the 5 V doubler output and drive the input to the charge pump section, which generates the +15.3 V and –10.2 V outputs if so required by the user.

FEATURES
   3 Output Voltages (+5.1 V, +15.3 V, –10.2 V) from
      One 3 V Input Supply
   Power Efficiency Optimized for Use with TFT in
      Mobile Phones
   Low Quiescent Current
   Low Shutdown Current (<1 μA)
   Fast Transient Response
   Shutdown Function
   Power Saving during Blanking Period
   Option to Use External LDO

APPLICATIONS
   Handheld Instruments
   TFT LCD Panels
   Cellular Phones




Similar Part No. - ADM8830

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8830 AD-ADM8830_15 Datasheet
979Kb / 8P
Charge Pump Regulator for Color TFT Panel
REV. B
More results


Similar Description - ADM8830

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8832 AD-ADM8832 Datasheet
202Kb / 12P
Charge Pump Regulator for Color TFT Panel
4/04-Changed from Rev. 0 to Rev. A
ADM8840 AD-ADM8840 Datasheet
166Kb / 10P
Charge Pump Regulator & COM Driver for Color TFT Panel
ADM8839 AD-ADM8839 Datasheet
233Kb / 8P
Charge Pump Regulator for Color TFT Panels
2/03 - Data Sheet Changed from Rev. 0 to Rev. A
ADM8830 AD-ADM8830_15 Datasheet
979Kb / 8P
Charge Pump Regulator for Color TFT Panel
REV. B
ADM8832 AD-ADM8832_15 Datasheet
212Kb / 12P
Charge Pump Regulator for Color TFT Panel
REV. A
ADM8839 AD-ADM8839_15 Datasheet
372Kb / 12P
Charge Pump Regulator for Color TFT Panels
REV. C
logo
E-CMOS Corporation
ELP3100 E-CMOS-ELP3100 Datasheet
581Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
Lowpower Semiconductor ...
LP3100 POWER-LP3100 Datasheet
918Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3101A POWER-LP3101A Datasheet
895Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3102 POWER-LP3102 Datasheet
743Kb / 7P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com