Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8830 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM8830
Description  Charge Pump Regulator for Color TFT Panel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8830 Datasheet(HTML) 1 Page - Analog Devices

  ADM8830 Datasheet HTML 1Page - Analog Devices ADM8830 Datasheet HTML 2Page - Analog Devices ADM8830 Datasheet HTML 3Page - Analog Devices ADM8830 Datasheet HTML 4Page - Analog Devices ADM8830 Datasheet HTML 5Page - Analog Devices ADM8830 Datasheet HTML 6Page - Analog Devices ADM8830 Datasheet HTML 7Page - Analog Devices ADM8830 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
that may result from its use. No license is granted by implication or oth-
erwise under any patent or patent rights of Analog Devices.Trademarks
and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADM8830
Charge Pump Regulator
for Color TFT Panel
seamlessly maintained when switching from scanning mode to
blanking mode or vice versa.
The ADM8830 has a number of power saving features, including
low power shutdown and reduced quiescent current consumption
during the blanking periods mentioned above.The 5.1 V output
consumes the most power, so power efficiency is also maximized
on this output with an oscillator enabling scheme (Green Idle™).
This effectively senses the load current that is flowing and turns
on the charge pump only when charge needs to be delivered to
the 5 V pump doubler output.
The ADM8830 is fabricated using CMOS technology for minimal
power consumption.The part is packaged in 20-lead LFCSP
and TSSOP packages.
FEATURES
3 Output Voltages (+5.1 V, +15.3 V, –10.2 V) from
One 3 V Input Supply
Power Efficiency Optimized for Use with TFT in
Mobile Phones
Low Quiescent Current
Low Shutdown Current (<1 A)
Fast Transient Response
Shutdown Function
Power Saving during Blanking Period
Option to Use External LDO
APPLICATIONS
Handheld Instruments
TFT LCD Panels
Cellular Phones
GENERAL DESCRIPTION
The ADM8830 is a charge pump regulator used for color thin
film transistor (TFT) liquid crystal displays (LCDs). Using
charge pump technology, the device can be used to generate three
output voltages (+5.1 V ± 2%, +15.3 V, –10.2 V) from a single
3 V input supply.These outputs are then used to provide
supplies for the LCD controller (5.1 V) and the gate drives for
the transistors in the panel (+15.3 V and –10.2 V). Only a few
external capacitors are needed for the charge pumps. An efficient
low dropout voltage regulator also ensures that the power
efficiency is high and provides a low ripple 5.1 V output.This
LDO can be shut down and an external LDO used to regulate
the 5 V doubler output and drive the input to the charge pump
section, which generates the +15.3 V and –10.2 V outputs if so
required by the user.
The ADM8830 has an internal 100 kHz oscillator for use in
scanning mode, but the part must be clocked by an external clock
source in blanking (low current) mode.The internal oscillator is
used to clock the charge pumps during scanning mode where the
current is highest. During blanking periods, the ADM8830
switches to use an external, lower frequency clock.This allows the
user to vary the frequency and maximize power efficiency during
blanking periods.The tolerances on the output voltages are
FUNCTIONAL BLOCK DIAGRAM
TIMING
GENERATOR
LDO
VOLTAGE
REGULATOR
VOLTAGE
DOUBLER
CONTROL
LOGIC
DISCHARGE
SHUTDOWN
CONTROL
C1+
C1–
VOUT
LDO IN
+5VOUT
+5VIN
C2+
C2–
C3+
C3–
+15VOUT
C4+
C4–
–10VOUT
C1
2.2F
C6
2.2F
C2
1F
C7
2.2F
+5.1V
C3
1F
+15.3V
C8
1F
C4
1F
–10.2V
C9
1F
VOLTAGE
TRIPLER
DOUBLE
TRIPLE
VOLTAGE
INVERTER
OSCILLATOR
CLKIN
SCAN/BLANK
LDO_ON/OFF
SHDN
GND
VCC
ADM8830
C5
2.2F
REV. B


Similar Part No. - ADM8830

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8830 AD-ADM8830_15 Datasheet
979Kb / 8P
Charge Pump Regulator for Color TFT Panel
REV. B
More results

Similar Description - ADM8830

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8832 AD-ADM8832 Datasheet
202Kb / 12P
Charge Pump Regulator for Color TFT Panel
4/04-Changed from Rev. 0 to Rev. A
ADM8840 AD-ADM8840 Datasheet
166Kb / 10P
Charge Pump Regulator & COM Driver for Color TFT Panel
ADM8839 AD-ADM8839 Datasheet
233Kb / 8P
Charge Pump Regulator for Color TFT Panels
2/03 - Data Sheet Changed from Rev. 0 to Rev. A
ADM8830 AD-ADM8830_15 Datasheet
979Kb / 8P
Charge Pump Regulator for Color TFT Panel
REV. B
ADM8832 AD-ADM8832_15 Datasheet
212Kb / 12P
Charge Pump Regulator for Color TFT Panel
REV. A
ADM8839 AD-ADM8839_15 Datasheet
372Kb / 12P
Charge Pump Regulator for Color TFT Panels
REV. C
logo
E-CMOS Corporation
ELP3100 E-CMOS-ELP3100 Datasheet
581Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
Lowpower Semiconductor ...
LP3100 POWER-LP3100 Datasheet
918Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3101A POWER-LP3101A Datasheet
895Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3102 POWER-LP3102 Datasheet
743Kb / 7P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com