Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJT1117-2.5 Datasheet (PDF) - ZP Semiconductor

CJT1117-2.5 Datasheet PDF - ZP Semiconductor
Part # CJT1117-2.5
Download  CJT1117-2.5 Download
File Size   1261.35 Kbytes
Page   8 Pages
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor
Description 1A LOW DROPOUT LINEAR REGULATOR

CJT1117-2.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
CJT1117-2.5 Datasheet PDF - ZP Semiconductor

Part # CJT1117-2.5
Download  CJT1117-2.5 Click to download

File Size   1261.35 Kbytes
Page   8 Pages
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor
Description 1A LOW DROPOUT LINEAR REGULATOR

CJT1117-2.5 Datasheet (HTML) - ZP Semiconductor


CJT1117-2.5 Product details

GENERAL DESCRIPTION

The CJ1117 is a series of low dropout three-terminal regulators with a dropout of 1.15V at 1A output current.

The CJ1117 series provides current limiting and thermal shutdown. Its circuit includes a trimmed bandgap reference to assure output voltage accuracy to be within 1%. Current limit is trimmed to ensure specified output Current and controlled short-circuit current. On-chip thermal shutdown provides protection against any combination of overload and ambient temperature that would create excessive junction temperature.

The CJ1117 has an adjustable version, that can provide the output voltage from 1.25V to 5V with only 2 external resistors.

The CJ1117 series is available in the industry standard SOT-223,SOT-89,TO-220,TO-252 and TO-263 power packages.



FEATURES

• Low Dropout Voltage: 1.15V at 1A Output Current

• Trimmed Current Limit

• On-Chip Thermal Shutdown

• Three-Terminal Adjustable or Fixed 1.5V, 1.8V, 2.5V, 3.3V, 5V

• Operation junction Temperature: 0 ℃ to125℃



APPLICATIONS

• PC Motherboard

• LCD Monitor

• Graphic Card

• DVD-Video player

• NIC/Switch

• Telecom Modem

• ADSL Modem

• Printer and other peripheral Equipment



 




Similar Part No. - CJT1117-2.5

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJT1117-2.5 ZPSEMI-CJT1117-2.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJT1117-2.5 ZPSEMI-CJT1117-2.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJT1117-2.5 ZPSEMI-CJT1117-2.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJT1117-2.5 ZPSEMI-CJT1117-2.5 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJT1117-2.5 ZPSEMI-CJT1117-2.5 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results


Similar Description - CJT1117-2.5

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
1A LOW DROPOUT LINEAR REGULATOR
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
1A Low-Dropout Linear Regulator
July 2000
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com