Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR76121 Datasheet (PDF) - Exar Corporation

XR76121 Datasheet PDF - Exar Corporation
Part # XR76121
Download  XR76121 Download
File Size   1225.09 Kbytes
Page   18 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description PowerBloxTM 20A Synchronous Step-Down COT Regulators

XR76121 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR76121 Datasheet PDF - Exar Corporation

Part # XR76121
Download  XR76121 Click to download

File Size   1225.09 Kbytes
Page   18 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description PowerBloxTM 20A Synchronous Step-Down COT Regulators

XR76121 Datasheet (HTML) - Exar Corporation




Similar Part No. - XR76121

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76121EL-F EXAR-XR76121EL-F Datasheet
1Mb / 19P
PowerBlox 20A Synchronous Step-Down COT Regulators
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 19P
PowerBlox 20A Synchronous Step-Down COT Regulators
XR76121ELTR-F EXAR-XR76121ELTR-F Datasheet
1Mb / 19P
PowerBlox 20A Synchronous Step-Down COT Regulators
XR76121EVB EXAR-XR76121EVB Datasheet
1Mb / 19P
PowerBlox 20A Synchronous Step-Down COT Regulators
More results


Similar Description - XR76121

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR75100 EXAR-XR75100 Datasheet
3Mb / 15P
40V Synchronous Step Down COT Controller
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
15A Synchronous Step Down COT Regulator
XR76116 EXAR-XR76116 Datasheet
1,003Kb / 19P
PowerBloxTM 15A and 20A Synchronous
XR79110 EXAR-XR79110 Datasheet
1Mb / 20P
22V, 10A Synchronous Step Down COT Power Module
XR79120 EXAR-XR79120 Datasheet
2Mb / 19P
22V, 20A Synchronous Step Down COT Power Module
XRP6141 EXAR-XRP6141 Datasheet
1Mb / 14P
35A Synchronous Step Down COT Controller
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 19P
PowerBlox 20A Synchronous Step-Down COT Regulators
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 21P
AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
XRP6141 EXAR-XRP6141_17 Datasheet
1Mb / 14P
35A Synchronous Step Down COT Controller
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com