Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR76121 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR76121
Description  PowerBloxTM 20A Synchronous Step-Down COT Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76121 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR76121 Datasheet HTML 3Page - Exar Corporation XR76121 Datasheet HTML 4Page - Exar Corporation XR76121 Datasheet HTML 5Page - Exar Corporation XR76121 Datasheet HTML 6Page - Exar Corporation XR76121 Datasheet HTML 7Page - Exar Corporation XR76121 Datasheet HTML 8Page - Exar Corporation XR76121 Datasheet HTML 9Page - Exar Corporation XR76121 Datasheet HTML 10Page - Exar Corporation XR76121 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
XR
76121
7/18
REV1A
Typical Performance Characteristics (Continued)
All data taken at VIN = 12V, VOUT = 1.8V, f = 800kHz, TA = 25°C, no airflow, forced CCM. (Unless otherwise specified).
Schematic from the Applications Information section of this datasheet.
Figure 9. Power-Up, IOUT = 20A
Figure 10. Power-Up, IOUT = 0A
Figure 7. Steady State, IOUT = 20A
Figure 8. Steady State, DCM, IOUT = 0A
Figure 11. Load Transient, Forced CCM,
0A-10A-0A
Figure 12. Load Transient, DCM,
1.8A-11.8A-1.8A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com