Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1626U Datasheet (PDF) - Dallas Semiconductor

DS1626U Datasheet PDF - Dallas Semiconductor
Part # DS1626U
Download  DS1626U Download
File Size   216.87 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description High-Precision 3-Wire Digital Thermometer and Thermostat

DS1626U Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1626U Datasheet PDF - Dallas Semiconductor

Part # DS1626U
Download  DS1626U Click to download

File Size   216.87 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description High-Precision 3-Wire Digital Thermometer and Thermostat

DS1626U Datasheet (HTML) - Dallas Semiconductor


DS1626U Product details

DESCRIPTION

The DS1626 and DS1726 digital thermometers/thermostats provide temperature measurements and stand-

alone thermostat capability over a -55°C to +125°C range. The DS1626 offers ±0.5°C accuracy from 0°C to

+70°C and the DS1726 has ±1°C accuracy from -10°C to +85°C. The resolution of the measured

temperature is user-selectable from 9 to 12 bits. Communication with the DS1626 and DS1726 is achieved

through a 3-wire serial bus.



FEATURES

Temperature Measurements Require No External Components

Measure Temperatures from -55°C to +125°C (-67°F to +257°F)

DS1626: ±0.5°C Accuracy from 0°C to +70°C

DS1726: ±1°C Accuracy from -10°C to +85°C

Output Resolution is User-Selectable to 9, 10, 11, or 12 Bits

Wide Power-Supply Range (2.7V to 5.5V)

Convert Temperature toDigital Word in 750ms (max)

Stand-Alone Thermostat Capability

Thermostatic Settings are User-Definable and Nonvolatile (NV)

Data is Read/Written Through a 3-Wire Serial Interface

Available in 8-Pin μMAX/μSOP Package



APPLICATIONS

Thermostatic Controls

Industrial Controls

Consumer Products

Any Space-Constrained Thermally Sensitive Application




Similar Part No. - DS1626U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1626U MAXIM-DS1626U Datasheet
147Kb / 12P
High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1626U+ MAXIM-DS1626U+ Datasheet
147Kb / 12P
High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1626U+T&R MAXIM-DS1626U+T&R Datasheet
147Kb / 12P
High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1626U/T&R MAXIM-DS1626U/T&R Datasheet
147Kb / 12P
High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
More results


Similar Description - DS1626U

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1721 DALLAS-DS1721 Datasheet
210Kb / 16P
2-Wire Digital Thermometer and Thermostat
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
High-Precision Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631 Datasheet
196Kb / 15P
High-Precision Digital Thermometer and Thermostat
102307
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS1721U MAXIM-DS1721U Datasheet
269Kb / 17P
2-Wire Digital Thermometer and Thermostat
110405
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
DS1721 MAXIM-DS1721 Datasheet
263Kb / 17P
2-Wire Digital Thermometer and Thermostat
110405
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com