Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZ02 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.

DZ02 Datasheet PDF - Japan Aviation Electronics Industry, Ltd.
Part # DZ02
Download  DZ02 Download
File Size   199.15 Kbytes
Page   5 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description 0.635mm Pitch Interface Connector

DZ02 Datasheet (PDF)

Go To PDF Page Download Datasheet
DZ02 Datasheet PDF - Japan Aviation Electronics Industry, Ltd.

Part # DZ02
Download  DZ02 Click to download

File Size   199.15 Kbytes
Page   5 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description 0.635mm Pitch Interface Connector

DZ02 Datasheet (HTML) - Japan Aviation Electronics Industry, Ltd.




Similar Part No. - DZ02

ManufacturerPart #DatasheetDescription
logo
Dubilier
DZ025BD DUBILIER-DZ025BD Datasheet
176Kb / 1P
RESISTORS ZERO-OHM JUMPER DCO/DZO
DZ025T DUBILIER-DZ025T Datasheet
97Kb / 1P
RESISTORS ZERO-OHM JUMPER DCO/DZO
DZ025T DUBILIER-DZ025T Datasheet
176Kb / 1P
RESISTORS ZERO-OHM JUMPER DCO/DZO
DZ025T DUBILIER-DZ025T_11 Datasheet
176Kb / 1P
RESISTORS ZERO-OHM JUMPER DCO/DZO
logo
Japan Aviation Electron...
DZ028A9S0122288 JAE-DZ028A9S0122288 Datasheet
119Kb / 3P
Input/Output Connector, Compliant with IEC61076-3-122 (TYPE-I), for safety equipment connection of industrial applications, Plug Both end harness, Cable length: 1m
More results


Similar Description - DZ02

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF6H-034D-1.27R HIROSE-HIF6H-034D-1.27R Datasheet
276Kb / 9P
0.635mm Pitch ID Cable Connector
SX1B-72S-0.635SH HIROSE-SX1B-72S-0.635SH Datasheet
217Kb / 6P
0.635mm Pitch S.O. DIMM Socket
logo
Yamaichi Electronics Co...
FLEX-B210-7-0.1 YAMAICHI-FLEX-B210-7-0.1 Datasheet
48Kb / 1P
25MIL (0.635mm) OKIFLEX-B&S Type (150V, 105째C)
SFX-S220-7-0.13030-SV YAMAICHI-SFX-S220-7-0.13030-SV Datasheet
57Kb / 1P
25MIL (0.635mm) OKIFLEX-SFX Type (150V, 80째C)
logo
Japan Aviation Electron...
DF02 JAE-DF02 Datasheet
561Kb / 11P
Half-pitch (1.27mm) Interface Connector
logo
Molex Electronics Ltd.
0643251010 MOLEX1-0643251010_18 Datasheet
49Kb / 2P
CMC Blind Plug for cavity 0.635mm
0981941211 MOLEX1-0981941211_18 Datasheet
32Kb / 1P
2.54mm Pitch MOX FFC/FPC Crimp Terminal, Female, 0.635mm , Reel
0981941212 MOLEX1-0981941212_18 Datasheet
31Kb / 1P
2.54mm Pitch MOX FFC/FPC Solder Terminal, Female, 0.635mm , Reel
0981941221 MOLEX1-0981941221_18 Datasheet
34Kb / 2P
2.54mm Pitch MOX FFC/FPC Crimp Terminal, Female, 0.635mm , Reel
logo
List of Unclassifed Man...
8925E ETC-8925E Datasheet
2Mb / 14P
1.27mm PITCH LOW PROFILE CONNECTORS FOR 0.635MM PITCH FLAT CABLE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com