Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZ02 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # DZ02
Description  0.635mm Pitch Interface Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DZ02 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  DZ02 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DZ02 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DZ02 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DZ02 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DZ02 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MB-0286-1
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
2/5
Specification
Description
Rated Current
0.5A/ 1 contact
Rated Voltage
30V
Contact Resistance
Receptacle: 40mΩ max.
Short-circuit Plug: 80mΩ max.
Insulation Resistance
500MΩ min. (Individual connector)
Dielectric Withstanding Voltage
AC250Vr.m.s (Individual connector)
Operating Temperature
-40 Deg. C ~ +85 Deg. C
Component
Part Number
Receptacle
DZ02R008NC1
Short-circuit Plug
DZ02B008DC1
Component
Part
Material and Finish
Receptacle
Insulator
Synthetic Resin
Shell
Copper alloy / Sn plating
Contact
Copper alloy / Au plating (contact area)
Short-circuit Plug
Insulator
Synthetic Resin
Contact
Copper alloy / Au plating (contact area)
General Specifications
Line-up
Materials and Finishes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com