Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24045-2ZYFL Datasheet (PDF) - Microchip Technology

MIC24045-2ZYFL Datasheet PDF - Microchip Technology
Part # MIC24045-2ZYFL
Download  MIC24045-2ZYFL Download
File Size   979.08 Kbytes
Page   46 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter

MIC24045-2ZYFL Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC24045-2ZYFL Datasheet PDF - Microchip Technology

Part # MIC24045-2ZYFL
Download  MIC24045-2ZYFL Click to download

File Size   979.08 Kbytes
Page   46 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter

MIC24045-2ZYFL Datasheet (HTML) - Microchip Technology




Similar Part No. - MIC24045-2ZYFL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24046 MICREL-MIC24046 Datasheet
2Mb / 27P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
logo
Microchip Technology
MIC24046 MICROCHIP-MIC24046 Datasheet
4Mb / 38P
Pin-Programmable, 19V Input, 5A Step-Down Converter
Revision A (May 2022)
logo
Micrel Semiconductor
MIC24046-H MICREL-MIC24046-H Datasheet
1Mb / 24P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
MIC24046-HYFL MICREL-MIC24046-HYFL Datasheet
1Mb / 24P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
MIC24046YFL MICREL-MIC24046YFL Datasheet
2Mb / 27P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
More results


Similar Description - MIC24045-2ZYFL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
logo
Micrel Semiconductor
MIC24046-H MICREL-MIC24046-H Datasheet
1Mb / 24P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
MIC24046 MICREL-MIC24046 Datasheet
2Mb / 27P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
logo
Texas Instruments
TPS54521 TI1-TPS54521_17 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
logo
Monolithic Power System...
MP4570 MPS-MP4570 Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4575 MPS-MP4575 Datasheet
1Mb / 22P
5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
logo
Microchip Technology
MIC24046 MICROCHIP-MIC24046 Datasheet
4Mb / 38P
Pin-Programmable, 19V Input, 5A Step-Down Converter
Revision A (May 2022)
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com