Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4760 Datasheet (PDF) - Maxim Integrated Products

MAX4760 Datasheet PDF - Maxim Integrated Products
Part # MAX4760
Download  MAX4760 Download
File Size   703.5 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Bandwidth, Quad DPDT Switches

MAX4760 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4760 Datasheet PDF - Maxim Integrated Products

Part # MAX4760
Download  MAX4760 Click to download

File Size   703.5 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Bandwidth, Quad DPDT Switches

MAX4760 Datasheet (HTML) - Maxim Integrated Products


MAX4760 Product details

General Description
The MAX4760/MAX4760A/MAX4761/MAX4761A (DPDT) analog switches operate from a single +1.8V to +5.5V supply. These switches feature a low 54pF (typ) capacitance for high-speed data switching applications.

Features
♦ USB 1.1 and USB 2.0 (Full Speed 12Mbps) Signal-Switching Compliant
♦ Data and Audio Signal Routing
♦ Low-Capacitance Data Switches
♦ Less than 0.2ns Skew
♦ -3dB Bandwidth: 150MHz (typ)
♦ 0.2Ω (typ) Channel-to-Channel Matching
♦ 0.8Ω (typ) On-Resistance Flatness
♦ Rail-to-Rail Signal Handling
♦ 0.03% (typ) THD
♦ +1.8V to +5.5V Supply Range
♦ Low Supply Current with 1.8V Logic Threshold (MAX4760A/MAX4761A)
♦ Tiny 36-Bump UCSP (3mm x 3mm)
♦ 36-Pin TQFN (6mm x 6mm)
♦ -40°C to +85°C Operating Temperature Range

Applications
    USB Signal Switching
    Audio-Signal Switching
    Cellular Phones
    PDAs/Handheld Devices
    Notebook Computers




Similar Part No. - MAX4760

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4760 MAXIM-MAX4760 Datasheet
178Kb / 14P
High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
MAX4760A MAXIM-MAX4760A Datasheet
178Kb / 14P
High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
MAX4760AETX+T MAXIM-MAX4760AETX+T Datasheet
178Kb / 14P
High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
MAX4760AEWX+T MAXIM-MAX4760AEWX+T Datasheet
178Kb / 14P
High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
MAX4760EBX+T MAXIM-MAX4760EBX+T Datasheet
178Kb / 14P
High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
More results


Similar Description - MAX4760

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2018 VISHAY-DG2018 Datasheet
81Kb / 8P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
01-Aug-03
logo
Pericom Semiconductor C...
PI5A391 PERICOM-PI5A391 Datasheet
311Kb / 8P
Bandwidth Quad Analog Switches
logo
Maxim Integrated Produc...
MAX4758 MAXIM-MAX4758 Datasheet
343Kb / 15P
Quad DPDT Audio/Data Switches in UCSP/QFN
Rev 0; 10/03
MAX4760 MAXIM-MAX4760_07 Datasheet
272Kb / 14P
High-Bandwidth, Quad DPDT Switches
Rev 3; 7/07
MAX4760 MAXIM-MAX4760_09 Datasheet
178Kb / 14P
High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
logo
Pericom Semiconductor C...
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
Precision Wide Bandwidth Quad Analog Switches
logo
Vishay Siliconix
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
72342 VISHAY-72342 Datasheet
141Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
logo
STMicroelectronics
STG3820 STMICROELECTRONICS-STG3820 Datasheet
485Kb / 20P
Low voltage high bandwidth quad DPDT switch
06-Aug-2013
logo
Maxim Integrated Produc...
MAX4758 MAXIM-MAX4758_V01 Datasheet
506Kb / 15P
Quad DPDT Audio/Data Switches in UCSP/QFN
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com