Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3820 Datasheet (PDF) - STMicroelectronics

STG3820 Datasheet PDF - STMicroelectronics
Part # STG3820
Download  STG3820 Download
File Size   485.48 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage high bandwidth quad DPDT switch

STG3820 Datasheet (PDF)

Go To PDF Page Download Datasheet
STG3820 Datasheet PDF - STMicroelectronics

Part # STG3820
Download  STG3820 Click to download

File Size   485.48 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage high bandwidth quad DPDT switch

STG3820 Datasheet (HTML) - STMicroelectronics


STG3820 Product details

Description
The STG3820 device is a high-speed CMOS low voltage quad analog DPDT (dual pole dual throw) switch or 2:1 multiplexer/demultiplexer switch fabricated in silicon gate C2MOS technology. It is designed to operate from 1.65 V to 4.3 V, making this device ideal for portable applications. The SELm-n input is provided to control the switches. The switches nS1 and mS1 are ON (connected to common ports Dn and Dm respectively) when the SELm-n input is held high and OFF (high impedance state exists between the two ports) when the SELm-n is held low. The switches nS2 and mS2 are ON (connected to common port Dn and Dm respectively) when the SELm-n input is held low and OFF (high impedance state exists between the two ports) when the SELm-n is held high. The STG3820 device has an integrated fail safe function to withstand overvoltage condition when the device is powered off. Additional key features are fast switching speed, break-before-makedelay time and ultralow power consumption. All inputs and outputs are equipped with protection circuits against static discharge, giving them ESD immunity and transient excess voltage.




Similar Part No. - STG3820

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3856 STMICROELECTRONICS-STG3856 Datasheet
292Kb / 13P
Low Voltage 1.0??Max Dual SP3T Switch With Break Before Make Feature
23-Dec-2005
STG3856 STMICROELECTRONICS-STG3856 Datasheet
344Kb / 15P
Low voltage 1.0 max dual SP3T switch with break-before-make feature
15-Mar-2010
STG3856QTR STMICROELECTRONICS-STG3856QTR Datasheet
344Kb / 15P
Low voltage 1.0 max dual SP3T switch with break-before-make feature
15-Mar-2010
More results


Similar Description - STG3820

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4760 MAXIM-MAX4760 Datasheet
703Kb / 14P
High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
logo
Fairchild Semiconductor
FSAV430 FAIRCHILD-FSAV430 Datasheet
1Mb / 11P
Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
logo
STMicroelectronics
STG3693 STMICROELECTRONICS-STG3693 Datasheet
309Kb / 17P
Low voltage high bandwidth Quad SPDT switch
03-Jan-2006
logo
Maxim Integrated Produc...
MAX4760 MAXIM-MAX4760_07 Datasheet
272Kb / 14P
High-Bandwidth, Quad DPDT Switches
Rev 3; 7/07
logo
STMicroelectronics
STG3692 STMICROELECTRONICS-STG3692 Datasheet
313Kb / 18P
Low voltage high bandwidth quad SPDT switch
03-Jul-2007
STG3693 STMICROELECTRONICS-STG3693_1 Datasheet
295Kb / 18P
Low voltage high bandwidth Quad SPDT switch
23-Jul-2007
logo
Vishay Siliconix
DG2788 VISHAY-DG2788 Datasheet
142Kb / 9P
Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
26-Feb-07
logo
Maxim Integrated Produc...
MAX4760 MAXIM-MAX4760_09 Datasheet
178Kb / 14P
High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
logo
Vishay Siliconix
DG2788 VISHAY-DG2788_11 Datasheet
142Kb / 10P
Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
28-Feb-11
DG2788 VISHAY-DG2788_V01 Datasheet
190Kb / 11P
Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
10-Mar-14
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com