Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3820 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STG3820
Description  Low voltage high bandwidth quad DPDT switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3820 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STG3820 Datasheet HTML 5Page - STMicroelectronics STG3820 Datasheet HTML 6Page - STMicroelectronics STG3820 Datasheet HTML 7Page - STMicroelectronics STG3820 Datasheet HTML 8Page - STMicroelectronics STG3820 Datasheet HTML 9Page - STMicroelectronics STG3820 Datasheet HTML 10Page - STMicroelectronics STG3820 Datasheet HTML 11Page - STMicroelectronics STG3820 Datasheet HTML 12Page - STMicroelectronics STG3820 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DocID15992 Rev 4
9/20
STG3820
Electrical characteristics
20
Table 7. AC electrical characteristics (CL = 35 pF, RL = 50 , tr = tf 5ns)
Symbol
Parameter
VCC (V)
Test
conditions
Value
Unit
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL
Propagation
delay
1.65 - 1.95
0.21

ns
2.3 - 2.7
0.15

3.0 - 3.3
0.14

3.6 - 4.3
0.13

tON
Turn-on time
1.65 - 1.95
VS = 0.8 V
36

ns
2.3 - 2.7
VS = 1.5 V
20
23
26
3.0 - 3.3
15
17
20
3.6 - 4.3
13
15
17
tOFF
Turn-off time
1.65 - 1.95
VS = 0.8 V
29

ns
2.3 - 2.7
VS = 1.5 V
19
22
25
3.0 - 3.3
14
16
18
3.6 - 4.3
11
13
14
tD
Break-before-
make time delay
1.65 - 1.95
CL = 35 pF
RL = 50 Ω
VS = 1.5 V
10

ns
2.3 - 2.7
7

3.0 - 3.3
6

3.6 - 4.3
4

Q
Charge injection
1.65
CL = 100 pF
VGEN = 0 V
RGEN = 0 Ω
3.9

pC
2.3
4.8

3.0
5.2

4.3
6.4




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com