Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3820 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STG3820
Description  Low voltage high bandwidth quad DPDT switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3820 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STG3820 Datasheet HTML 12Page - STMicroelectronics STG3820 Datasheet HTML 13Page - STMicroelectronics STG3820 Datasheet HTML 14Page - STMicroelectronics STG3820 Datasheet HTML 15Page - STMicroelectronics STG3820 Datasheet HTML 16Page - STMicroelectronics STG3820 Datasheet HTML 17Page - STMicroelectronics STG3820 Datasheet HTML 18Page - STMicroelectronics STG3820 Datasheet HTML 19Page - STMicroelectronics STG3820 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
DocID15992 Rev 4
19/20
STG3820
Revision history
20
7
Revision history
Table 11. Document revision history
Date
Revision
Changes
18-Dec-2009
1
Initial release.
19-Jan-2011
2
Document reformatted, added Contents, updated Figure 12 and
Figure 13, corrected typo in Features, Table 1, Section 1: Pin
settings, Table 2, Table 7, Table 8, notes below Figure 8, title of
Figure 11, Figure 12, Table 10, and Figure 13, corrected name
of “Table 11” to Figure 13.
23-Apr-2013
3
Moved Description to page 1.
Redrawn Figure 1.
Updated Section 3 (added/updated cross-references, updated
VCC value in Table 4).
Redrawn Figure 12 to Figure 15.
Updated Figure 12 (removed superfluous reference to note).
Updated title of Figure 14 and Figure 15 (added “Flip Chip 30
(2.0 x 2.4 x 0.625 mm) - 0.4 mm pitch”).
Minor corrections throughout document.
06-Aug-2013
4
Updated Table 8 on page 10 (replaced CON and COFF symbol
by Csn and CD symbol).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com