Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6439UTB Datasheet (PDF) - Maxim Integrated Products

MAX6439UTB Datasheet PDF - Maxim Integrated Products
Part # MAX6439UTB
Download  MAX6439UTB Download
File Size   235.14 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset

MAX6439UTB Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6439UTB Datasheet PDF - Maxim Integrated Products

Part # MAX6439UTB
Download  MAX6439UTB Click to download

File Size   235.14 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset

MAX6439UTB Datasheet (HTML) - Maxim Integrated Products


MAX6439UTB Product details

General Description
The MAX6439–MAX6442 are a family of ultra-low-power battery monitors with integrated microprocessor (µP) supervisors. The battery monitors are offered with single or dual low-battery output options that can be used to signal when the battery is OK (enabling full system operation), when the battery is low (for low-power system operation), and when the battery is dead (to disable system operation). These devices also have an independent µP supervisor that monitors VCC and provides an active-low reset output. A manual reset function is available to reset the µP with a push-button. No external components are required.

Features
♦ Factory-Trimmed VBATT Threshold Options for
   Monitoring Single-Cell Li+ or Multicell
   Alkaline/NiCd/NiMH Applications
♦ Immune to Short Battery Voltage Transients
♦ Low Current (2.5µA typ at 3.6V)
♦ Single and Dual Low-Battery Output Options
♦ 150ms Minimum LBO Timeout Period
♦ Independent µP Reset with Manual Reset
♦ Factory-Set Reset Thresholds for Monitoring VCC
   from 1.8V to 3.3V
♦ Available with 150ms (min) and 1.2s (min) VCC
   Reset Timeout Period Options
♦ -40°C to +85°C Operating Temperature Range
♦ Small 6- and 8-Pin SOT23 Packages
♦ No External Components

Applications
   Battery-Powered Systems (Single-Cell Li+ or Two-/Three-Cell NiMH, NiCd, Alkaline)
   Cell Phones/Cordless Phones
   Portable Medical Devices
   Electronic Toys
   Pagers
   PDAs
   MP3 Players




Similar Part No. - MAX6439UTB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6439UT___D_-T MAXIM-MAX6439UT___D_-T Datasheet
256Kb / 14P
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
More results


Similar Description - MAX6439UTB

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
3-PIN UP RESET MONITORS
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX6846 MAXIM-MAX6846 Datasheet
191Kb / 12P
Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
MAX6414UK26T MAXIM-MAX6414UK26T Datasheet
193Kb / 12P
Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
Low Power Battery Monitor with Hysteresis Control
logo
Maxim Integrated Produc...
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com