Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC841 Datasheet (PDF) - Micrel Semiconductor

MIC841 Datasheet PDF - Micrel Semiconductor
Part # MIC841
Download  MIC841 Download
File Size   62.9 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Comparator with Reference

MIC841 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC841 Datasheet PDF - Micrel Semiconductor

Part # MIC841
Download  MIC841 Click to download

File Size   62.9 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Comparator with Reference

MIC841 Datasheet (HTML) - Micrel Semiconductor


MIC841 Product details

General Description
The MIC841 and MIC842 are micropower, precision voltage comparators with an on-chip voltage reference.
Both devices are intended for voltage monitoring applications. External resistors are used to set the voltage monitor threshold. When the threshold is crossed, the outputs switch polarity.

Features
• 1.5V to 5.5V operating range
• 1.5μA typical supply current
• ±1.25% voltage threshold accuracy
• 10nA max input leakage current over temperature
• 10µs propagation delay
• Externally adjustable hysteresis (MIC841)
• Internal 20mV hysteresis (MIC842)
• Output options
    - Push-pull, active high
    - Push-pull, active low
    - Open drain, active low
• Open drain output can be pulled to 6V regardless of VDD
• Immune to brief input transients
• Teeny™ 5-pin SC-70 package

Applications
• Smart phones
• PDAs
• Precision battery monitoring
• Battery chargers




Similar Part No. - MIC841

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC841 MICREL-MIC841 Datasheet
485Kb / 8P
Comparator with Reference
MIC841 MICREL-MIC841 Datasheet
320Kb / 8P
Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841 MICREL-MIC841 Datasheet
850Kb / 11P
Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841HBC5 MICREL-MIC841HBC5 Datasheet
485Kb / 8P
Comparator with Reference
MIC841HBC5 MICREL-MIC841HBC5 Datasheet
320Kb / 8P
Comparator with 1.25% Reference and Adjustable Hysteresis
More results


Similar Description - MIC841

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
Nanopower Comparator with Reference
logo
Micrel Semiconductor
MIC834 MICREL-MIC834 Datasheet
46Kb / 8P
Comparator with Reference Advance Information
MIC841 MICREL-MIC841_05 Datasheet
485Kb / 8P
Comparator with Reference
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
Micropower Voltage Reference with Comparator
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
1.6V Nanopower Comparator with Internal Reference
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
Micropower Voltage Reference with Comparator
February 23, 2011
logo
Linear Technology
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
Nanopower Comparator with Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
1.6V Nanopower Comparator with Internal Reference
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
Micropower Voltage Reference with Comparator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com