Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2582 Datasheet (PDF) - Micrel Semiconductor

MIC2582 Datasheet PDF - Micrel Semiconductor
Part # MIC2582
Download  MIC2582 Download
File Size   190.3 Kbytes
Page   22 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single Channel Hot Swap Controllers

MIC2582 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2582 Datasheet PDF - Micrel Semiconductor

Part # MIC2582
Download  MIC2582 Click to download

File Size   190.3 Kbytes
Page   22 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single Channel Hot Swap Controllers

MIC2582 Datasheet (HTML) - Micrel Semiconductor


MIC2582 Product details

General Description
The MIC2582 and MIC2583 are single channel positive voltage hot swap controllers designed to allow the safe insertion of boards into live system backplanes. The MIC2582 and MIC2583 are available in 8-pin SOIC and 16-pin QSOP packages, respectively. Using a few external components and by controlling the gate drive of an external N-Channel MOSFET device, the MIC2582/83 provide inrush current limiting and output voltage slew rate control in harsh, critical power supply environments. Additionally, a circuit breaker function will latch the output MOSFET off if the current limit threshold is exceeded for a determined period. The MIC2583R option includes an auto-restart function upon detecting an over current condition.

Features
• MIC2582: Pin-for-pin functional equivalent to the LTC1422
• 2.3V to 13.2V supply voltage operation
• Surge voltage protection up to 20V
• Current regulation limits inrush current regardless of load capacitance
• Programmable inrush current limiting
• Electronic circuit breaker
• Optional dual-level overcurrent threshold detects excessive load faults
• Fast response to short circuit conditions (<1µs)
• Programmable output under-voltage detection
• Under-voltage Lockout (UVLO) protection
• Auto-restart function (MIC2583R)
• Power-On Reset and Power-Good status outputs (Power-Good for the MIC2583 and MIC2583R only)
• /FAULT status output (MIC2583 and MIC2583R)

Applications
• RAID systems
• Base stations
• PC board hot swap insertion and removal
• +12V backplanes
• Network switches




Similar Part No. - MIC2582

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582 Datasheet
1Mb / 27P
Single-Channel Hot Swap Controllers
logo
Microchip Technology
MIC2582 MICROCHIP-MIC2582 Datasheet
2Mb / 32P
Single-Channel Hot Swap Controllers
02/28/20
logo
Micrel Semiconductor
MIC2582-J1YM MICREL-MIC2582-J1YM Datasheet
831Kb / 25P
Single Channel Hot Swap Controllers
MIC2582-J1YM MICREL-MIC2582-J1YM Datasheet
1Mb / 27P
Single-Channel Hot Swap Controllers
MIC2582-JBM MICREL-MIC2582-JBM Datasheet
831Kb / 25P
Single Channel Hot Swap Controllers
More results


Similar Description - MIC2582

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
Dual Hot Swap Controllers
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
Single Channel Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_09 Datasheet
831Kb / 25P
Single Channel Hot Swap Controllers
logo
Linear Technology
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
??8V Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_14 Datasheet
1Mb / 27P
Single-Channel Hot Swap Controllers
logo
Microchip Technology
MIC2582 MICROCHIP-MIC2582 Datasheet
2Mb / 32P
Single-Channel Hot Swap Controllers
02/28/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com