Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2085 Datasheet (PDF) - Micrel Semiconductor

MIC2085 Datasheet PDF - Micrel Semiconductor
Part # MIC2085
Download  MIC2085 Download
File Size   1014.2 Kbytes
Page   29 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single Channel Hot Swap Controllers

MIC2085 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2085 Datasheet PDF - Micrel Semiconductor

Part # MIC2085
Download  MIC2085 Click to download

File Size   1014.2 Kbytes
Page   29 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single Channel Hot Swap Controllers

MIC2085 Datasheet (HTML) - Micrel Semiconductor


MIC2085 Product details

General Description
The MIC2085 and MIC2086 are single channel positive voltage hot swap controllers designed to allow the safe insertion of boards into live system backplanes. The MIC2085and MIC2086 are available in 16-pin and 20-pin QSOP packages, respectively. Using a few external components and by controlling the gate drive of an external N-Channel MOSFET device, the MIC2085/86 provide inrush current limiting and output voltage slew rate control in harsh, critical power supply environments.

Features
• MIC2085: Pin for pin functional equivalent to the LTC1642
• 2.3V to 16.5V supply voltage operation
• Surge voltage protection to 33V
• Operating temperature range –40°C to 85°C
• Active current regulation limits inrush current independent of load capacitance
• Programmable inrush current limiting
• Analog foldback current limiting
• Electronic circuit breaker
• Dual-level overcurrent fault sensing
• Fast response to short circuit conditions (< 1µs)
• Programmable output undervoltage detection
• Undervoltage lockout protection
• Power-on reset (MIC2085/86) and power-good (MIC2086) status outputs
• /FAULT status output
• Driver for SCR crowbar on overvoltage

Applications
• RAID systems
• Cellular base stations
• LAN servers
• WAN servers
• InfiniBand™ Systems
• Industrial high side switching




Similar Part No. - MIC2085

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2003 MICREL-MIC2003 Datasheet
683Kb / 16P
Current Limiting Circuit Protector
MIC2003-0.5YM5 MICREL-MIC2003-0.5YM5 Datasheet
683Kb / 16P
Current Limiting Circuit Protector
MIC2003-0.5YM5 MICREL-MIC2003-0.5YM5 Datasheet
415Kb / 25P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2003-0.5YM5 MICREL-MIC2003-0.5YM5 Datasheet
1Mb / 29P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2003-0.5YM5 MICREL-MIC2003-0.5YM5 Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
More results


Similar Description - MIC2085

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
Dual Hot Swap Controllers
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
Single Channel Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_09 Datasheet
831Kb / 25P
Single Channel Hot Swap Controllers
logo
Linear Technology
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
??8V Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_14 Datasheet
1Mb / 27P
Single-Channel Hot Swap Controllers
logo
Microchip Technology
MIC2582 MICROCHIP-MIC2582 Datasheet
2Mb / 32P
Single-Channel Hot Swap Controllers
02/28/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com