Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2003 Datasheet (PDF) - Micrel Semiconductor

MIC2003 Datasheet PDF - Micrel Semiconductor
Part # MIC2003
Download  MIC2003 Download
File Size   683.78 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Current Limiting Circuit Protector

MIC2003 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2003 Datasheet PDF - Micrel Semiconductor

Part # MIC2003
Download  MIC2003 Click to download

File Size   683.78 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Current Limiting Circuit Protector

MIC2003 Datasheet (HTML) - Micrel Semiconductor


MIC2003 Product details

General Description
MIC20XX family of switches are current limiting, high-side power switches, designed for general purpose power distribution and control in digital televisions (DTV), printers, set top boxes (STB), PCs, PDAs, and other peripheral devices (see Functionality Table and Pin Configuration drawings)

Features
• MIC20X3 – MIC20X9
    70mΩ typical on-resistance @ 5V
• MIC2005A/20X9A
    170mΩ typical on-resistance @ 5V
• Enable active high or active low
• 2.5V – 5.5V operating range
• Pre-set current limit values of 0.5A, 0.8A, and 1.2A*
• Adjustable current limit 0.2A to 2.0A* (MIC20X7- MIC20X9)
• Adjustable current limit 0.1A to 0.9A* (MIC20X9A)
• Undervoltage lock-out (UVLO)
• Variable UVLO allows adjustable UVLO thresholds*
• Automatic load discharge for capacitive loads*
• Soft-start prevents large current inrush
• Adjustable slew rate allows custom slew rates*
• Automatic-on output after fault
• Thermal protection

Applications
• Digital televisions (DTV)
• Set top boxes
• PDAs
• Printers
• USB / IEEE 1394 power distribution
• Desktop and laptop PCs
• Game consoles
• Docking stations




Similar Part No. - MIC2003

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2003-0.5YM5 MICREL-MIC2003-0.5YM5 Datasheet
415Kb / 25P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2003-0.5YM5 MICREL-MIC2003-0.5YM5 Datasheet
1Mb / 29P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2003-0.5YM5 MICREL-MIC2003-0.5YM5 Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC2003-0.5YM5-TR MICROCHIP-MIC2003-0.5YM5-TR Datasheet
3Mb / 38P
Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC2003-0.5YML MICREL-MIC2003-0.5YML Datasheet
415Kb / 25P
Fixed and Adjustable Current Limiting Power Distribution Switches
More results


Similar Description - MIC2003

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLM0035 CENTRAL-CCLM0035 Datasheet
303Kb / 2P
CURRENT LIMITING DIODE
CMCL1300 CENTRAL-CMCL1300 Datasheet
75Kb / 1P
CURRENT LIMITING DIODE
logo
Diotec Semiconductor
CL20M45 DIOTEC-CL20M45 Datasheet
97Kb / 2P
Current Limiting Diodes
logo
Texas Instruments
TPS24750 TI1-TPS24750 Datasheet
1Mb / 42P
12A eFuse Circuit Protector with Current Monitor
logo
Digitron Semiconductors
CCL0035 DIGITRON-CCL0035 Datasheet
73Kb / 1P
CURRENT LIMITING DIODE
logo
Diotec Semiconductor
CL20M35 DIOTEC-CL20M35_13 Datasheet
100Kb / 2P
Current Limiting Diodes
logo
STMicroelectronics
STEVAL-ILL054V2 STMICROELECTRONICS-STEVAL-ILL054V2 Datasheet
218Kb / 4P
Internal current limiting
27-May-2016
L6985F STMICROELECTRONICS-L6985F Datasheet
1Mb / 65P
Internal current limiting
17-Feb-2016
logo
PHOENIX CONTACT
2316446 PHOENIX-2316446 Datasheet
78Kb / 3P
Provides current limiting short-circuit protection per spur
logo
Shenzhenshi YONGFUKANG ...
D2761 YONGFUKANG-D2761 Datasheet
305Kb / 7P
Audio limiting circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com