Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2003 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2003
Description  Current Limiting Circuit Protector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2003 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2003 Datasheet HTML 1Page - Micrel Semiconductor MIC2003 Datasheet HTML 2Page - Micrel Semiconductor MIC2003 Datasheet HTML 3Page - Micrel Semiconductor MIC2003 Datasheet HTML 4Page - Micrel Semiconductor MIC2003 Datasheet HTML 5Page - Micrel Semiconductor MIC2003 Datasheet HTML 6Page - Micrel Semiconductor MIC2003 Datasheet HTML 7Page - Micrel Semiconductor MIC2003 Datasheet HTML 8Page - Micrel Semiconductor MIC2003 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Micrel
MIC2003/MIC20013
October 2005
3
M9999-102605
hbwhelp@micrel.com or (408) 955-1690
Pin Configuration
N
O
D
A
P
E
D
I
S
K
C
A
B
D
N
U
O
R
G
S
I
VOUT 1
2
34
5
6
NIC
NIC
VIN
GND
NIC
6-Lead 2mmX2mm MLF (ML)
Top View
NIC
GND
NIC
VOUT
VIN
3
1
5
2
4
SOT 23-5 (M5)
Top View
Pin Description
Pin
Number
SOT-23
Pin
Number
MLF
Pin
Name
Type
Description
1
6
VIN
Input
Supply input. This pin provides power to both the output switch and the
MIC2003/2013’s internal control circuitry.
2
5
GND
--
Ground.
3
4
NIC
--
No internal connection. An electrical signal to this pin will have no effect on
device operation.
4
3
NIC
--
No internal connection. An electrical signal to this pin will have no effect on
device operation.
2
NIC
--
No internal connection. An electrical signal to this pin will have no effect on
device operation.
5
1
VOUT
Output
Switch output. The load being driven by MIC2003/2013 is connected to this
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com