Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2003 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2003
Description  Current Limiting Circuit Protector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2003 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2003 Datasheet HTML 1Page - Micrel Semiconductor MIC2003 Datasheet HTML 2Page - Micrel Semiconductor MIC2003 Datasheet HTML 3Page - Micrel Semiconductor MIC2003 Datasheet HTML 4Page - Micrel Semiconductor MIC2003 Datasheet HTML 5Page - Micrel Semiconductor MIC2003 Datasheet HTML 6Page - Micrel Semiconductor MIC2003 Datasheet HTML 7Page - Micrel Semiconductor MIC2003 Datasheet HTML 8Page - Micrel Semiconductor MIC2003 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Micrel
MIC2003/MIC20013
October 2005
2
M9999-102605
hbwhelp@micrel.com
MIC2000 Family Members
Part Number
Pin Function
Normal Limiting
Kickstart
I Limit
I Adj.
Enable
CSLEW
FAULT/
DLM*
Load
Discharge
2003
2013
--
--
--
--
--
--
2004
2014
--
▲
--
--
--
▲
2005
2015
--
▲
▲
▲
--
--
2006
2016
Fixed
--
▲
▲
--
▲
--
2007
2017
▲
▲
▲
--
--
▲
2008
2018
▲
▲
▲
--
--
--
2009
2019
Adj.
▲
▲
--
▲
--
--
* Dynamic Load Management
Adj = Adjustable current limit
Fixed = Factory programmed current limit
Ordering Information
Part Number
Marking
(1)
Current Limit
Kickstart
Pb-Free
Package
MIC2003-0.5YM5
FD05
0.5A
MIC2003-0.8YM5
FD08
0.8A
MIC2003-1.2YM5
FD12
1.2A
SOT-23-5
MIC2003-0.5YML
D05
0.5A
MIC2003-0.8YML
D08
0.8A
MIC2003-1.2YML
D12
1.2A
No
2mmX2mm MLF
MIC2013-0.5YM5
FL05
0.5A
MIC2013-0.8YM5
FL08
0.8A
MIC2013-1.2YM5
FL12
1.2A
SOT-23-5
MIC2013-0.5YML
L05
0.5A
MIC2013-0.8YML
L09
0.8A
MIC2013-1.2YML
L12
1.2A
Yes
Yes
2mmX2mm MLF
Note:
1. Under-bar symbol ( _ ) may not be to scale
or (408) 955-1690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com